Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4622-1ARJZ-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # ADA4622-1ARJZ-R7
Description  30 V, 8 MHz, Low Bias Current, Single-Supply, RRO, Precision Op Amps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4622-1ARJZ-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADA4622-1ARJZ-R7 Datasheet HTML 24Page - Analog Devices ADA4622-1ARJZ-R7 Datasheet HTML 25Page - Analog Devices ADA4622-1ARJZ-R7 Datasheet HTML 26Page - Analog Devices ADA4622-1ARJZ-R7 Datasheet HTML 27Page - Analog Devices ADA4622-1ARJZ-R7 Datasheet HTML 28Page - Analog Devices ADA4622-1ARJZ-R7 Datasheet HTML 29Page - Analog Devices ADA4622-1ARJZ-R7 Datasheet HTML 30Page - Analog Devices ADA4622-1ARJZ-R7 Datasheet HTML 31Page - Analog Devices ADA4622-1ARJZ-R7 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
ADA4622-1/ADA4622-2/ADA4622-4
Data Sheet
Rev. E | Page 28 of 38
The ADA4622-1/ADA4622-2/ADA4622-4 are designed for
12 nV/√Hz wideband input voltage noise density and maintain
low noise performance at low frequencies (see Figure 84). This
noise performance, along with the low input current as well as
low current noise, means that the ADA4622-1/ADA4622-2/
ADA4622-4 contribute negligible noise for applications with a
source resistance greater than 10 kΩ and at signal bandwidths
greater than 1 kHz.
1k
10k
100k
10
100
1k
10k
100k
FREQUENCY (Hz)
ADA4622-1/ADA4622-2/ADA4622-4 VOLTAGE
AND CURRENT NOISE
RS NOISE
TOTAL NOISE
Figure 84. Total Noise vs. Source Resistance and Frequency
Input Overvoltage Protection
The ADA4622-1/ADA4622-2/ADA4622-4 have internal
protective circuitry that allows voltages as high as 0.3 V beyond
the supplies applied at the input of either terminal without
causing damage. Use a current-limiting resistor in series with the
input of the ADA4622-1/ADA4622-2/ADA4622-4 if the input
voltage exceeds 0.3 V beyond the supply rails of the amplifiers. If
the overvoltage condition persists for more than a few seconds,
damage to the amplifiers can result.
For higher input voltages, determine the resistor value by
mA
10
S
SY
IN
R
V
V
where:
VIN is the input voltage.
VSY is the voltage of either the V+ pin or the V− pin.
RS is the series resistor.
With a very low input bias current of ±1.5 nA maximum up to
125°C, higher resistor values can be used in series with the inputs
without introducing large offset errors. A 1 kΩ series resistor
allows the ADA4622-1/ADA4622-2/ADA4622-4 to withstand
10 V of continuous overvoltage and increases the noise by a
negligible amount. A 5 kΩ resistor protects the inputs from
voltages as high as 25 V beyond the supplies and adds less than
10 µV to the offset voltage of the amplifiers.
EMI Rejection Ratio
Figure 85 shows the EMI rejection ratio (EMIRR) vs. the
frequency for the ADA4622-1/ADA4622-2/ADA4622-4.
0
20
40
60
80
100
10M
100M
1G
FREQUENCY (Hz)
COMPETITOR 1
COMPETITOR 2
ADA4622-1/ADA4622-2/ADA4622-4
Figure 85. EMIRR vs. Frequency
OUTPUT CHARACTERISTICS
The ADA4622-1/ADA4622-2/ADA4622-4 unique bipolar rail-
to-rail output stage swings within 10 mV of the supplies with no
external resistive load.
The approximate output saturation resistance of the ADA4622-1/
ADA4622-2/ADA4622-4 is 24 Ω, sourcing or sinking. Use the
output impedance to estimate the output saturation voltage when
driving heavier loads. As an example, when driving 5 mA, the
saturation voltage from either rail is approximately 120 mV.
If the ADA4622-1/ADA4622-2/ADA4622-4 output drives hard
against the output saturation voltage, it recovers within 1.2 µs of the
input, returning to the linear operating region of the amplifier
(see Figure 56 and Figure 59).
Capacitive Load Drive Capability
Direct capacitive loads interact with the effective output impedance
of the ADA4622-1/ADA4622-2/ADA4622-4 to form an
additional pole in the feedback loop of the amplifiers, which
causes excessive peaking on the pulse response or loss of
stability. The worst case condition is when the devices use a single
5 V supply in a unity-gain configuration. Figure 86 shows the
pulse response of the ADA4622-1/ADA4622-2/ADA4622-4
when driving 500 pF directly.
CH1 50.0mV BW
M2.00µs
A CH1
108mV
1
Figure 86. Pulse Response with 500 pF Load Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com