Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8613 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8613
Description  Low Power, 3.6 MHz, Low Noise, Rail-to-Rail Output, Operational Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8613 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8613 Datasheet HTML 11Page - Analog Devices AD8613 Datasheet HTML 12Page - Analog Devices AD8613 Datasheet HTML 13Page - Analog Devices AD8613 Datasheet HTML 14Page - Analog Devices AD8613 Datasheet HTML 15Page - Analog Devices AD8613 Datasheet HTML 16Page - Analog Devices AD8613 Datasheet HTML 17Page - Analog Devices AD8613 Datasheet HTML 18Page - Analog Devices AD8613 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Data Sheet
ADA4691-2/ADA4691-4/ADA4692-2/ADA4692-4
Rev. E | Page 15 of 19
ADA4692-2
VSY = ±1.35V
RL = 2kΩ
TA = 25°C
TIME (1µs/DIV)
200mV/DIV
10mV/DIV
ERROR BAND
Figure 51. Positive Settling Time to 0.1%
TIME (1µs/DIV)
200mV/DIV
10mV/DIV
ERROR BAND
ADA4692-2
VSY = ±1.35V
RL = 2kΩ
TA = 25°C
Figure 52. Negative Settling Time to 0.1%
–80
–90
–100
–110
–120
–130
–140
100
1k
10k
100k
FREQUENCY (Hz)
ADA4692-2
VSY = ±2.5V
VIN = 2.8V p-p
AV = +1
TA = 25°C
V–
V+
V–
V+
U2
R2
1kΩ
R1
100kΩ
6
7
5
V+
V–
V+
V–
0
0
0
0
+
–
VIN
R3
600Ω
U1
2
3
CS (dB) = 20 log (VOUT/100 = VIN)
Figure 53. Channel Separation (CS) vs. Frequency
TIME (1µs/DIV)
1V/DIV
20mV/DIV
ERROR BAND
ADA4692-2
VSY = ±2.5V
RL = 2kΩ
TA = 25°C
Figure 54. Positive Settling Time to 0.1%
TIME (1µs/DIV)
1V/DIV
20mV/DIV
ERROR BAND
ADA4692-2
VSY = ±2.5V
RL = 2kΩ
TA = 25°C
Figure 55. Negative Settling Time to 0.1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com