Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

153991 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 153991
Description  On off valve
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

153991 Datasheet(HTML) 1 Page - Festo Corporation.

  153991 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
On off valve
HE-2-3/8-QS-3/8-U
Part number: 153991
Data sheet
Feature
Value
Valve function
2/2 bistable
Pneumatic connection 1
3/8 NPT
Pneumatic connection 2
QS-3/8
Actuation type
Manual
Type of mounting
Optionally:
Direct mounting via through-hole
Direct fastening via thread
Standard nominal flow rate
744.3 l/min
Nominal width
4.6 mm
Operating pressure
-0.095 MPa ... 1 MPa
Operating pressure
-0.95 bar ... 10 bar
Ambient temperature
0 °C ... 60 °C
Housing material
PBT-reinforced
Operating medium
Compressed air as per ISO 8573-1:2010 [7:-:-]
Sealing principle
Soft
Mounting position
Any
Structural design
Piston gate valve
Type of control
Direct
Flow direction
Non-reversible
Symbol
00997328
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Temperature of medium
0 °C ... 60 °C
Product weight
62 g
Material of screwed trunnion
Brass, nickel-plated
Note on materials
RoHS-compliant
Seals material
NBR
4/13/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 153991

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
153990 FESTO-153990 Datasheet
97Kb / 1P
On off valve
4/13/22
153992 FESTO-153992 Datasheet
96Kb / 1P
On off valve
4/13/22
More results

Similar Description - 153991

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
197129 FESTO-197129 Datasheet
85Kb / 1P
On off valve
4/1/22
197131 FESTO-197131 Datasheet
85Kb / 1P
On off valve
4/1/22
197132 FESTO-197132 Datasheet
84Kb / 1P
On off valve
4/1/22
197134 FESTO-197134 Datasheet
86Kb / 1P
On off valve
4/1/22
153297 FESTO-153297 Datasheet
93Kb / 1P
On off valve
4/13/22
153480 FESTO-153480 Datasheet
102Kb / 1P
On off valve
4/13/22
153982 FESTO-153982 Datasheet
101Kb / 1P
On off valve
4/13/22
153987 FESTO-153987 Datasheet
101Kb / 1P
On off valve
4/13/22
190870 FESTO-190870 Datasheet
102Kb / 1P
On off valve
4/13/22
190873 FESTO-190873 Datasheet
110Kb / 1P
On off valve
4/13/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com