Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3DPX1202A1ZBEX Datasheet(PDF) 14 Page - Diodes Incorporated

Part # PI3DPX1202A1ZBEX
Description  Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3DPX1202A1ZBEX Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button PI3DPX1202A1ZBEX Datasheet HTML 10Page - Diodes Incorporated PI3DPX1202A1ZBEX Datasheet HTML 11Page - Diodes Incorporated PI3DPX1202A1ZBEX Datasheet HTML 12Page - Diodes Incorporated PI3DPX1202A1ZBEX Datasheet HTML 13Page - Diodes Incorporated PI3DPX1202A1ZBEX Datasheet HTML 14Page - Diodes Incorporated PI3DPX1202A1ZBEX Datasheet HTML 15Page - Diodes Incorporated PI3DPX1202A1ZBEX Datasheet HTML 16Page - Diodes Incorporated PI3DPX1202A1ZBEX Datasheet HTML 17Page - Diodes Incorporated PI3DPX1202A1ZBEX Datasheet HTML 18Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 51 page
background image
A product Line of
Diodes Incorporated
14 of 51
www.diodes.com
February 2020
© Diodes Incorporated
PI3DPX1202A
Document number: DS40115 Rev 3-3
PI3DPX1202A
Reset Implementation
When ENABLE is Low, the device is power-down mode and output are high impedance. It is critical to transition the ENABLE after the
power supply VDD has reached the minimum recommended operation voltage. This can be achieved by the control signal GPO or by
an external capacitor connected to GND.
To insure properly Reset, the ENABLE pin must be de-asserted for at least 100μS before asserted, and must be reprogrammed in I2C
programming mode. When using external capacitor, the size of the cap value depends on the power up VDD supply ramp. Larger value
results in a slower ramp-up time. Consider 0.1uF capacitor as a reasonable first estimate.
100k-Ohm
VDD
ENABLE
100k-Ohm
VDD
C
C
ENABLE
GPO
External Capacitor Controlled
GPO pin contolled from Controller IC
Figure 4-4: Reset control from External Capacitor or GPO pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com