Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5146 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM5146
Description  LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5146 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5146 Datasheet HTML 9Page - Texas Instruments LM5146 Datasheet HTML 10Page - Texas Instruments LM5146 Datasheet HTML 11Page - Texas Instruments LM5146 Datasheet HTML 12Page - Texas Instruments LM5146 Datasheet HTML 13Page - Texas Instruments LM5146 Datasheet HTML 14Page - Texas Instruments LM5146 Datasheet HTML 15Page - Texas Instruments LM5146 Datasheet HTML 16Page - Texas Instruments LM5146 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 69 page
background image
8.7 Typical Characteristics
VIN = VEN1 = VEN2 = 12 V, TJ = 25°C, unless otherwise stated
Load Current (A)
0
1
2
3
4
5
6
7
60
65
70
75
80
85
90
95
100
VIN = 8V
VIN = 12V
VIN = 18V
See Figure 10-4.
VOUT = 5 V
FSW = 2.1 MHz
Figure 8-1. Efficiency Versus Load
Load Current (A)
0
1
2
3
4
5
6
7
60
65
70
75
80
85
90
95
100
VIN = 8V
VIN = 12V
VIN = 18V
See Figure 10-4.
VOUT = 3.3 V
FSW = 2.1 MHz
Figure 8-2. Efficiency Versus Load
80 ns/DIV
SW1 5V/DIV
SW2 5V/DIV
See Figure 10-4.
Figure 8-3. Switch Node Voltages
1ms/DIV
VIN 2V/DIV
VOUT2 1V/DIV
IOUT1 5A/DIV
VOUT1 1V/DIV
See Figure 10-4.
Figure 8-4. Start-Up Characteristic
100Ps/DIV
IOUT1 2A/DIV
VOUT1 100mV/DIV
See Figure 10-4.
Figure 8-5. Load Transient Response
Junction Temperature (qC)
-50
-25
0
25
50
75
100
125
150
0
1
2
3
4
5
6
D001
VEN1 = VEN2 = 0 V
Figure 8-6. Shutdown Current Versus Temperature
www.ti.com
LM25143
SNVSC10 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LM25143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com