Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUX7236 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7236
Description  TMUX7236 44 V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch with Latch-Up Immunity and 1.8 V Logic
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7236 Datasheet(HTML) 3 Page - Texas Instruments

  TMUX7236 Datasheet HTML 1Page - Texas Instruments TMUX7236 Datasheet HTML 2Page - Texas Instruments TMUX7236 Datasheet HTML 3Page - Texas Instruments TMUX7236 Datasheet HTML 4Page - Texas Instruments TMUX7236 Datasheet HTML 5Page - Texas Instruments TMUX7236 Datasheet HTML 6Page - Texas Instruments TMUX7236 Datasheet HTML 7Page - Texas Instruments TMUX7236 Datasheet HTML 8Page - Texas Instruments TMUX7236 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
5 Pin Configuration and Functions
1
D1
12
EN
2
S1B
11
VDD
3
VSS
10
S2B
4
GND
9
D2
Not to scale
Thermal
Pad
Figure 5-1. RUM Package, 16-Pin WQFN (Top View)
Table 5-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
D1
1
I/O
Drain pin. Can be an input or output.
D2
9
I/O
Drain pin. Can be an input or output.
GND
4
P
Ground (0 V) reference
NC
5, 7, 13, 14
—
No internal connection. Can be shorted to GND or left floating.
S1A
16
I/O
Source pin 1A. Can be an input or output.
S1B
2
I/O
Source pin 1B. Can be an input or output.
S2A
8
I/O
Source pin 2A. Can be an input or output.
S2B
10
I/O
Source pin 2B. Can be an input or output.
EN
12
I
Active high logic enable, has internal pull-up resistor. When this pin is low, all switches are turned off. When this pin
is high, the SEL logic input determine which switch is turned on.
SEL1
15
I
Logic control input, has internal pull-down resistor. Controls the switch connection as shown in Section 8.4.
SEL2
6
I
Logic control input, has internal pull-down resistor. Controls the switch connection as shown in Section 8.4.
VDD
11
P
Positive power supply. This pin is the most positive power-supply potential. For reliable operation, connect a
decoupling capacitor ranging from 0.1 µF to 10 µF between VDD and GND.
VSS
3
P
Negative power supply. This pin is the most negative power-supply potential. In single-supply applications, this pin
can be connected to ground. For reliable operation, connect a decoupling capacitor ranging from 0.1 µF to 10 µF
between VSS and GND.
Thermal Pad
—
The thermal pad is not connected internally. There is no requirement to electrically connect this pad. If connected,
however, it is recommended that the pad be left floating or tied to GND.
(1)
I = input, O = output, P = power
www.ti.com
TMUX7236
SCDS417 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TMUX7236



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com