Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7175-2 Datasheet(PDF) 32 Page - Analog Devices

Part # AD7175-2
Description  Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7175-2 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD7175-2 Datasheet HTML 28Page - Analog Devices AD7175-2 Datasheet HTML 29Page - Analog Devices AD7175-2 Datasheet HTML 30Page - Analog Devices AD7175-2 Datasheet HTML 31Page - Analog Devices AD7175-2 Datasheet HTML 32Page - Analog Devices AD7175-2 Datasheet HTML 33Page - Analog Devices AD7175-2 Datasheet HTML 34Page - Analog Devices AD7175-2 Datasheet HTML 35Page - Analog Devices AD7175-2 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 59 page
background image
ADA4254
Data Sheet
Rev. B | Page 32 of 59
TEST MULTIPLEXER
The ADA4254 contains an internal test multiplexer, as shown in
Figure 91, that connects the inputs of the ADA4254 to useful
voltages. To use the test multiplexer, the C1 and C2 switches
must be closed. These switches are controlled using the
INPUT_MUX register. It is recommended that the input
multiplexer be disconnected from any external inputs by
opening the A1, A2, B1, and B2 switches.
The TEST_MUX bits in the TEST_MUX register control the
test multiplexer. The test multiplexer can be configured in three
different states, as follows:
In the default state, the test multiplexer connects the
ADA4254 inputs to AVSS. This configuration can be used
during a full system calibration to null out errors, such as
offset voltage.
The test multiplexer can connect the noninverting input to
DVSS and the inverting input to AVSS, or vice versa. This
configuration can be used to detect any voltage difference
between AVSS and DVSS, which indicates poor connection.
The test multiplexer can also provide a 20 mV or −20 mV
differential signal to the inputs of the ADA4254. This
configuration can be used to verify the gain setting of the
ADA4254 and the PGIA functionality without applying an
external signal.
EXTERNAL MUX CONTROL
The ADA4254 is able to configure GPIO0 and GPIO1 to
control an external multiplexer. Writes to the EXT_MUX bits
in the GAIN_MUX register set the state of GPIO0 and GPIO1,
which in turn controls an external multiplexer. This setup allows
amplifier gain and external multiplexer settings to be configured
with a single SPI write, avoiding overload conditions. The external
mux special function can be configured via EXT_MUX_EN and
setting GPIO0 and GPIO1 to outputs, as shown in
Figure 92.
A1
A2
B1
B2
+IN1
–IN1
+IN2
–IN2
D12
–OUT
PGIA
+OUT
TEST MULTIPLEXER
TEST_MUX[3:0]
C1
AVSS
DVSS
+20mV –20mV
C2
Figure 91. Text Multiplexer Connectivity
+22V
–22V
+5V
VDDH
S0A
S0B
S1A
ADG5409
S4A
S1B
S4B
VSSH
AVDD
ADA4254
AVSS
GPIO2 GPIO1 GPIO0 DVDD
+3.3V
DVSS
RFILTER
RFILTER
DA
DB RFILTER
+22V
–22V
VDD
1 OF 4
DECODER
A0 A1 EN
VSS
RFILTER
CFILTER
CFILTER
+IN1
–IN1
–IN2
+IN2
Figure 92. External Multiplexer Control Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com