Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM7150ACPZ-4.5-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM7150ACPZ-4.5-R7
Description  800 mA Ultralow Noise, High PSRR, RF Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7150ACPZ-4.5-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADM7150ACPZ-4.5-R7 Datasheet HTML 1Page - Analog Devices ADM7150ACPZ-4.5-R7 Datasheet HTML 2Page - Analog Devices ADM7150ACPZ-4.5-R7 Datasheet HTML 3Page - Analog Devices ADM7150ACPZ-4.5-R7 Datasheet HTML 4Page - Analog Devices ADM7150ACPZ-4.5-R7 Datasheet HTML 5Page - Analog Devices ADM7150ACPZ-4.5-R7 Datasheet HTML 6Page - Analog Devices ADM7150ACPZ-4.5-R7 Datasheet HTML 7Page - Analog Devices ADM7150ACPZ-4.5-R7 Datasheet HTML 8Page - Analog Devices ADM7150ACPZ-4.5-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
ADM7150
SPECIFICATIONS
VIN = VOUT + 1.2 V or VIN = 4.5 V, whichever is greater, VEN = VIN, IOUT = 10 mA, CIN = COUT = CREG = 10 µF, CREF = CBYP = 1 µF. TA = 25°C
for typical specifications. TJ = −40°C to +125°C for minimum/maximum specifications, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT VOLTAGE RANGE
VIN
4.5
16
V
OPERATING SUPPLY CURRENT
IGND
IOUT = 0 µA
4.3
7.0
mA
IOUT = 800 mA
8.6
12
mA
SHUTDOWN CURRENT
IIN-SD
VEN = 0 V
0.1
3
µA
OUTPUT NOISE
OUTNOISE
10 Hz to 100 kHz, independent of output voltage
1.6
µV rms
100 Hz to 100 kHz, independent of output voltage
1.0
µV rms
NOISE SPECTRAL DENSITY
NSD
10 kHz to 1 MHz, independent of output voltage
1.7
nV/√Hz
POWER SUPPLY REJECTION RATIO
PSRR
1 kHz to 100 kHz, VIN = 6.2 V, VOUT = 5 V at 800 mA
86
dB
1 MHz, VIN = 6.2 V, VOUT = 5 V at 800 mA
54
dB
1 kHz to 100 kHz, VIN = 6.2 V, VOUT = 5 V at 400 mA
95
dB
1 MHz, VIN = 6.2 V, VOUT = 5 V at 400 mA
62
dB
1 kHz to 100 kHz, VIN = 5 V, VOUT = 3.3 V at 800 mA
94
dB
1 MHz, VIN = 5 V, VOUT = 3.3 V at 800 mA
62
dB
1 kHz to 100 kHz, VIN = 5 V, VOUT = 3.3 V at 400 mA
95
dB
1 MHz, VIN = 5 V, VOUT = 3.3 V at 400 mA
68
dB
VOUT VOLTAGE ACCURACY
VOUT = VREF
Voltage Accuracy
VOUT
IOUT = 10 mA, TJ = 25°C
−1
+1
%
1 mA < IOUT < 800 mA, over line, load and
temperature
−2
+2
%
VOUT REGULATION
Line Regulation
ΔVOUT/ΔVIN
VIN = VOUT + 1.2 V or VOUT + 4.5 V, whichever is
greater, to 16 V
−0.01
+0.01
%/V
Load Regulation1
ΔVOUT/ΔIOUT
IOUT = 1 mA to 800 mA
0.4
1.0
%/A
VOUT CURRENT-LIMIT THRESHOLD2
ILIMIT
1.0
1.2
1.6
A
DROPOUT VOLTAGE3
VDROPOUT
IOUT = 400 mA, VOUT = 5 V
0.3
0.5
V
IOUT = 800 mA, VOUT = 5 V
0.6
1.0
V
PULL-DOWN RESISTANCE
VOUT Pull-Down Resistance
VOUT-PULL
VEN = 0 V, VOUT = 1 V
600
Ω
VREG Pull-Down Resistance
VREG-PULL
VEN = 0 V, VREG = 1 V
34
VREF Pull-Down Resistance
VREF-PULL
VEN = 0 V, VREF = 1 V
800
Ω
VBYP Pull-Down Resistance
VBYP-PULL
VEN = 0 V, VBYP = 1 V
500
Ω
START-UP TIME4
VOUT = 5 V
VOUT Start-Up Time
tSTART-UP
2.8
ms
VREG Start-Up Time
tREG-START-UP
1.0
ms
VREF Start-Up Time
tREF-START-UP
1.8
ms
THERMAL SHUTDOWN
Thermal Shutdown Threshold
TSSD
TJ rising
155
°C
Thermal Shutdown Hysteresis
TSSD-HYS
15
°C
UNDERVOLTAGE THRESHOLDs
Input Voltage Rising
UVLORISE
4.49
V
Input Voltage Falling
UVLOFALL
3.85
V
Hysteresis
UVLOHYS
240
mV
VREG5 UNDERVOLTAGE THRESHOLDS
VREG Rise
VREGUVLORISE
3.1
V
VREG Fall
VREGUVLOFALL
2.55
V
Hysteresis
VREGUVLOHYS
210
mV
Rev. 0 | Page 3 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com