Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLLK4401 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TLLK4401
Description  High Intensity LED in Ø 3 mm Tinted Diffused Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLLK4401 Datasheet(HTML) 2 Page - Vishay Siliconix

  TLLK4401 Datasheet HTML 1Page - Vishay Siliconix TLLK4401 Datasheet HTML 2Page - Vishay Siliconix TLLK4401 Datasheet HTML 3Page - Vishay Siliconix TLLK4401 Datasheet HTML 4Page - Vishay Siliconix TLLK4401 Datasheet HTML 5Page - Vishay Siliconix TLLK4401 Datasheet HTML 6Page - Vishay Siliconix TLLK4401 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TLLE4401, TLLK4401
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 19-Nov-2020
2
Document Number: 83343
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) In one packing unit IVmin./IVmax.
≤ 0.5.
Note
(1) In one packing unit IVmin./IVmax.
≤ 0.5.
Note
• Luminous intensity is tested at a current pulse duration of 25 ms.
The above type numbers represent the order groups which
include only a few brightness groups. Only one group will be
shipped on each bag (there will be no mixing of two groups on
each bag).
In order to ensure availability, single brightness groups will not
be orderable.
In a similar manner for colors where wavelength groups are
measured and binned, single wavelength groups will be shipped
on any one bag.
In order to ensure availability, single wavelength groups will not
be orderable.
Note
• Wavelengths are tested at a current pulse duration of 25 ms.
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
TLLK4401, SUPER RED
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
IF = 2 mA
IV
6.3
17
32
mcd
Dominant wavelength
IF = 2 mA
λd
626
630
639
nm
Peak wavelength
IF = 2 mA
λp
-
643
-
nm
Angle of half intensity
IF = 2 mA
ϕ
-± 30
-
°
Forward voltage
IF = 2 mA
VF
1.6
1.8
2.2
V
Reverse voltage
IR = 10 μA
VR
5-
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-15-
pF
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
TLLE4401, YELLOW
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
IF = 2 mA
IV
6.3
17
32
mcd
Dominant wavelength
IF = 2 mA
λd
581
589
594
nm
Peak wavelength
IF = 2 mA
λp
-
591
-
nm
Angle of half intensity
IF = 2 mA
ϕ
-± 30
-
°
Forward voltage
IF = 2 mA
VF
1.6
1.8
2.2
V
Reverse voltage
IR = 10 μA
VR
5-
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
15
-
pF
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LIGHT INTENSITY (mcd)
STANDARD
MIN.
MAX.
Q
6.3
12.5
R10
20
S16
32
COLOR CLASSIFICATION
GROUP
YELLLOW
DOM. WAVELENGTH (nm)
MIN.
MAX.
1
581
584
2
583
586
3
585
588
4
587
590
5
589
592
6
591
594



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com