Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLLE4401 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TLLE4401
Description  High Intensity LED in Ø 3 mm Tinted Diffused Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLLE4401 Datasheet(HTML) 1 Page - Vishay Siliconix

  TLLE4401 Datasheet HTML 1Page - Vishay Siliconix TLLE4401 Datasheet HTML 2Page - Vishay Siliconix TLLE4401 Datasheet HTML 3Page - Vishay Siliconix TLLE4401 Datasheet HTML 4Page - Vishay Siliconix TLLE4401 Datasheet HTML 5Page - Vishay Siliconix TLLE4401 Datasheet HTML 6Page - Vishay Siliconix TLLE4401 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TLLE4401, TLLK4401
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 19-Nov-2020
1
Document Number: 83343
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Intensity LED in Ø 3 mm Tinted Diffused Package
DESCRIPTION
These devices have been designed to meet the increasing
demand for AlInGaP technology general indicating and
lighting purposes.
They are housed in a 3 mm diffused plastic package. The
wide viewing angle of these devices provides a high
brightness.
All packing units are categorized in luminous intensity
groups. That allows users to assemble LEDs with uniform
appearance.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
•Package: 3 mm
• Product series: low current
• Angle of half intensity: ± 30°
FEATURES
• AlInGaP technology
• Standard Ø 3 mm (T-1) package
• Small mechanical tolerances
• Wide viewing angle
• Very high intensity
• Low power consumption
• Specified at IF = 2 mA
• Luminous intensity categorized
• ESD-withstand voltage: up to 2 kV HBM according to
JESD22-A114-B
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Status lights
•Off / on indicator
• Background illumination
• Readout lights
• Maintenance lights
•Legend light
• Low power DC circuits
Note
(1) Driving the LED in reverse direction is suitable for a short term application
19222
PARTS TABLE
PART
COLOR
LUMINOUS INTENSITY
(mcd)
at IF
(mA)
WAVELENGTH
(nm)
at IF
(mA)
FORWARD VOLTAGE
(V)
at IF
(mA)
TECHNOLOGY
MIN.
TYP.
MAX.
MIN.
TYP. MAX.
MIN.
TYP.
MAX.
TLLK4401
Super red
6.3
17
32
2
626
630
639
2
1.6
1.8
2.2
2
AllnGaP on GaAs
TLLK4401-AS21
Super red
6.3
17
32
2
626
630
639
2
1.6
1.8
2.2
2
AllnGaP on GaAs
TLLE4401
Yellow
6.3
17
32
2
581
589
594
2
1.6
1.8
2.2
2
AllnGaP on GaAs
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
TLLK4401, TLLE4401
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage (1)
VR
5V
DC forward current
Tamb
≤ 60 °C
IF
30
mA
Surge forward current
tp
≤ 10 μs
IFSM
0.1
A
Power dissipation
Tamb
≤ 60 °C
PV
80
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
-40 to +100
°C
Storage temperature range
Tstg
-55 to +100
°C
Soldering temperature
t
≤ 5 s, 2 mm from body
Tsd
260
°C
Thermal resistance junction/ambient
RthJA
400
K/W


Similar Part No. - TLLE4401

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLLE4401 VISHAY-TLLE4401 Datasheet
110Kb / 6P
AlInGaP technology
14-Oct-14
TLLE4401 VISHAY-TLLE4401 Datasheet
139Kb / 7P
High Intensity LED in Ø 3 mm Tinted Diffused Package
19-Nov-2020
More results

Similar Description - TLLE4401

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLDR4400 VISHAY-TLDR4400_V02 Datasheet
108Kb / 5P
High Intensity LED in Ø 3 mm Tinted Diffused Package
14-Oct-14
TLHE44R1S2-26 VISHAY-TLHE44R1S2-26_V02 Datasheet
104Kb / 5P
High Intensity LED in Ø 3 mm Tinted Diffused Package
14-Oct-14
TLHE4600 VISHAY-TLHE4600_V02 Datasheet
106Kb / 5P
High Intensity LED in Ø 3 mm Tinted Diffused Package
14-Oct-14
TLHF4601 VISHAY-TLHF4601_V01 Datasheet
106Kb / 5P
High Intensity LED in Ø 3 mm Tinted Diffused Package
14-Oct-14
TLHK4200 VISHAY-TLHK4200_V02 Datasheet
111Kb / 5P
High Intensity LED in Ø 3 mm Tinted Non-Diffused Package
17-May-2019
TLHK4400L VISHAY-TLHK4400L_V02 Datasheet
110Kb / 5P
High Intensity LED in Ø 3 mm Tinted Diffused Package
21-Feb-18
TLHK44R1S2 VISHAY-TLHK44R1S2_V02 Datasheet
109Kb / 5P
High Intensity LED in Ø 3 mm Tinted Diffused Package
14-Oct-14
TLHK4600 VISHAY-TLHK4600_V02 Datasheet
106Kb / 5P
High Intensity LED in Ø 3 mm Tinted Diffused Package
14-Oct-14
TLHK46Q1R2 VISHAY-TLHK46Q1R2_V02 Datasheet
105Kb / 5P
High Intensity LED in Ø 3 mm Tinted Diffused Package
14-Oct-14
TLLK4401 VISHAY-TLLK4401_V02 Datasheet
139Kb / 7P
High Intensity LED in Ø 3 mm Tinted Diffused Package
19-Nov-2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com