Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLLR440 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TLLR440
Description  Low Current LED in Ø 3 mm Tinted Diffused Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLLR440 Datasheet(HTML) 5 Page - Vishay Siliconix

  TLLR440 Datasheet HTML 1Page - Vishay Siliconix TLLR440 Datasheet HTML 2Page - Vishay Siliconix TLLR440 Datasheet HTML 3Page - Vishay Siliconix TLLR440 Datasheet HTML 4Page - Vishay Siliconix TLLR440 Datasheet HTML 5Page - Vishay Siliconix TLLR440 Datasheet HTML 6Page - Vishay Siliconix TLLR440 Datasheet HTML 7Page - Vishay Siliconix TLLR440 Datasheet HTML 8Page - Vishay Siliconix TLLR440 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TLLG440., TLLR440., TLLY440.
www.vishay.com
Vishay Semiconductors
Rev. 2.6, 15-Sep-2021
5
Document Number: 83029
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Relative Intensity vs. Wavelength
Fig. 8 - Forward Current vs. Forward Voltage
Fig. 9 - Relative Luminous Intensity vs. Ambient Temperature
Fig. 10 - Relative Luminous Intensity vs.
Forward Current/Duty Cycle
Fig. 11 - Relative Luminous Intensity vs. Forward Current
Fig. 12 - Relative Intensity vs. Wavelength
590
610
630
650
670
0
0.2
0.4
0.6
0.8
1.2
690
95 10040
λ - Wavelength (nm)
1.0
red
01
0.1
1
10
100
VF - Forward Voltage (V)
5
95 10053
yellow
tP/T = 0.001
tP = 10 µs
23
4
0
0.4
0.8
1.2
1.6
2.0
yellow
Tamb - Ambient Temperature (°C)
95 10054
0
2040
6080
100
yellow
10
20
50
100
200
0
0.4
0.8
1.2
1.6
2.4
96 11590
500
0.5
0.2
0.1
0.05
0.02
1
IF (mA)
tp/T
2.0
yellow
0.01
0.1
1
10
100
95 10062
IF - Forward Current (mA)
100
10
1
0.1
550
570
590
610
630
0
0.2
0.4
0.6
0.8
1.2
650
95 10039
λ - Wavelength (nm)
1.0
yellow



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com