Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLRE4200 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TLRE4200
Description  Resistor LED for 12 V Supply Voltage
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLRE4200 Datasheet(HTML) 2 Page - Vishay Siliconix

  TLRE4200 Datasheet HTML 1Page - Vishay Siliconix TLRE4200 Datasheet HTML 2Page - Vishay Siliconix TLRE4200 Datasheet HTML 3Page - Vishay Siliconix TLRE4200 Datasheet HTML 4Page - Vishay Siliconix TLRE4200 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TLRE4200
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 24-Apr-13
2
Document Number: 83097
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) In one packing unit IVmin./IVmax.  0.5
Note
• Luminous intensity is tested at a current pulse duration of 25 ms.
These type numbers represent the order groups which include
only a few brightness groups. Only one group will be shipped on
each reel (there will be no mixing of two groups on each reel). In
order to ensure availability, single brightness groups are not be
orderable.
In a similar manner for colors where wavelength groups are
measured and binned, single wavelength groups will be shipped
on any one reel.
In order to ensure availability, single wavelength groups are not
be orderable.
Note
• Wavelengths are tested at a current pulse duration of 25 ms.
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Current vs. Forward Voltage
Fig. 2 - Relative Forward Current vs. Ambient Temperature
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
TLRE4200, YELLOW
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
VS = 12 V
IV
25
70
-
mcd
Dominant wavelength
VS = 12 V
d
581
588
594
nm
Peak wavelength
VS = 12 V
p
-
590
-
nm
Angle of half intensity
VS = 12 V
-± 22
-
deg
Forward current
VS = 12 V
IF
-10
12
mA
Breakdown voltage
IR = 10 μA
VBR
650
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-50
-
pF
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LIGHT INTENSITY (mcd)
STANDARD
MIN.
MAX.
T
25
50
U
40
80
V
63
125
W
100
200
X
130
260
Y
180
360
Z
240
480
COLOR CLASSIFICATION
GROUP
YELLLOW
DOM. WAVELENGTH (nm)
MIN.
MAX.
1
581
584
2
583
586
3
585
588
4
587
590
5
589
592
6
591
594
0
2
4
6
8
10
12
14
16
18
20
10 12 14 16 18 20
VF - Forward Voltage (V)
95 11438
yellow
0
2
46
8
100
80
0
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
Tamb
60
40
20
- 10
- Ambient Temperature (ºC)
95 11439
VS = 12 V
yellow
- 30



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com