Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3USB4000D Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PI3USB4000D
Description  Ultra-High Voltage Protection USB2 1:2 Mux/DeMux
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3USB4000D Datasheet(HTML) 3 Page - Diodes Incorporated

  PI3USB4000D Datasheet HTML 1Page - Diodes Incorporated PI3USB4000D Datasheet HTML 2Page - Diodes Incorporated PI3USB4000D Datasheet HTML 3Page - Diodes Incorporated PI3USB4000D Datasheet HTML 4Page - Diodes Incorporated PI3USB4000D Datasheet HTML 5Page - Diodes Incorporated PI3USB4000D Datasheet HTML 6Page - Diodes Incorporated PI3USB4000D Datasheet HTML 7Page - Diodes Incorporated PI3USB4000D Datasheet HTML 8Page - Diodes Incorporated PI3USB4000D Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
PI3USB4000D
A Product Line of
Diodes Incorporated
www.diodes.com
February 2021
Diodes Incorporated
PI3USB4000D
Document Number DS41992 Rev 2-2
C0+
C0-
EN
L0+
L1+
L0-
L1-
SEL
Control Logic
Charge
Vbus
D+
D-
GPU
Processor
USB2
GPIO
MHL
Vbus
REF
1µF
VDD
GND
PI3USB4000D application in MHL Switching and provide overvoltage protection for D+/- when high
voltage charging
No Device (Trace Only)
With USB4000D
USB2.0 High Speed (480Mbps) Eye Diagram
Note:
The capacitor connected to REF pin should have rated voltage higher than maximum voltage applied to C0+/- pins; the max rating of device on C0+/- is 24V, cus-
tomer can select lower voltage capacitor if system required lower voltage tolerance on C0+/-; capacitance of 1uF.
1.
The 1uF capacitor recommend to be placed to the REF and GND pin of the device as close as possible
2.
The decoupling capacitor at the VDD recommend to be placed to the device as close as possible.
3.
Keep the trace between connector and device as long as possible; if needs inductor between device and connector, it recommend to be placed to the USB con-
nector as close as possible and leaving some trace line between the device and the inductor would help some for the ESD performance.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com