Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STBXBA2000 Datasheet(PDF) 1 Page - Schneider Electric

Part # STBXBA2000
Description  Modicon STB - mounting base - for I/O module internal bus extension
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

STBXBA2000 Datasheet(HTML) 1 Page - Schneider Electric

  STBXBA2000 Datasheet HTML 1Page - Schneider Electric STBXBA2000 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Specifications
Modicon STB - mounting base - for
I/O module internal bus extension
STBXBA2000
Main
Range of product
Modicon STB distributed I/O solution
Accessory / separate part
category
Mounting accessories
Accessory / separate part type
Base
Accessory / separate part
designation
Mounting base
Accessory / separate part
destination
I/O module
Internal bus extension
Complementary
Product compatibility
STBDAO8210
STBACI0320
STBDRC3210
STBACI8320
STBXBE2100
STBDAI7220
STBDAI5260
STBDAI5230
STBACO0220
STBDAO5260
Width
18.4 mm
Net weight
0.028 kg
Packing Units
Unit Type of Package 1
PCE
Number of Units in Package 1
1
Package 1 Weight
39.0 g
Package 1 Height
2.5 cm
Package 1 width
5 cm
Package 1 Length
13 cm
Offer Sustainability
Sustainable offer status
Green Premium product
REACh Regulation
REACh Declaration
REACh free of SVHC
Yes
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS Declaration
 
Apr 12, 2022
1


Similar Part No. - STBXBA2000

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
STBXBA2100 SCHNEIDER-STBXBA2100 Datasheet
100Kb / 2P
Modicon STB - mounting base - for auxiliary power supply
Apr 12, 2022
STBXBA2200 SCHNEIDER-STBXBA2200 Datasheet
100Kb / 2P
Modicon STB - mounting base - for power distribution module - 18.4 mm
Apr 12, 2022
STBXBA2300 SCHNEIDER-STBXBA2300 Datasheet
94Kb / 2P
Modicon STB - mounting base - for internal bus extension STB XBE1200
Apr 12, 2022
STBXBA2400 SCHNEIDER-STBXBA2400 Datasheet
93Kb / 2P
Modicon STB - mounting base - for internal bus extension STB XBE1000
Apr 12, 2022
More results

Similar Description - STBXBA2000

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
STBXBE1100K SCHNEIDER-STBXBE1100K Datasheet
112Kb / 3P
Modicon STB - EOS internal bus extension kit
Apr 8, 2022
STBXBE1300K SCHNEIDER-STBXBE1300K Datasheet
118Kb / 3P
Modicon STB - BOS internal bus extension kit
Apr 8, 2022
STBXBE2100K SCHNEIDER-STBXBE2100K Datasheet
117Kb / 3P
Modicon STB - bus extension kit
Apr 8, 2022
STBXBA1000 SCHNEIDER-STBXBA1000 Datasheet
96Kb / 2P
Modicon STB - mounting base - for I/O module - 13.9 mm
Apr 12, 2022
STBXBA2100 SCHNEIDER-STBXBA2100 Datasheet
100Kb / 2P
Modicon STB - mounting base - for auxiliary power supply
Apr 12, 2022
STBXBA2200 SCHNEIDER-STBXBA2200 Datasheet
100Kb / 2P
Modicon STB - mounting base - for power distribution module - 18.4 mm
Apr 12, 2022
STBXBA2300 SCHNEIDER-STBXBA2300 Datasheet
94Kb / 2P
Modicon STB - mounting base - for internal bus extension STB XBE1200
Apr 12, 2022
STBXBA2400 SCHNEIDER-STBXBA2400 Datasheet
93Kb / 2P
Modicon STB - mounting base - for internal bus extension STB XBE1000
Apr 12, 2022
STBXBA3000 SCHNEIDER-STBXBA3000 Datasheet
94Kb / 2P
Modicon STB - mounting base - for I/O module - 28.1 mm
Apr 12, 2022
STBXCA1003 SCHNEIDER-STBXCA1003 Datasheet
118Kb / 2P
Modicon STB - island bus extension cable - for STBXBE1100 - 4.5 m
Apr 12, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com