Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLVG4200 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TLVG4200
Description  Backlighting LED in Ø 3 mm Tinted Non-Diffused Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLVG4200 Datasheet(HTML) 1 Page - Vishay Siliconix

  TLVG4200 Datasheet HTML 1Page - Vishay Siliconix TLVG4200 Datasheet HTML 2Page - Vishay Siliconix TLVG4200 Datasheet HTML 3Page - Vishay Siliconix TLVG4200 Datasheet HTML 4Page - Vishay Siliconix TLVG4200 Datasheet HTML 5Page - Vishay Siliconix TLVG4200 Datasheet HTML 6Page - Vishay Siliconix TLVG4200 Datasheet HTML 7Page - Vishay Siliconix TLVG4200 Datasheet HTML 8Page - Vishay Siliconix TLVG4200 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TLVH4200, TLVY4200, TLVG4200, TLVP420.
www.vishay.com
Vishay Semiconductors
Rev. 2.5, 15-Sep-2021
1
Document Number: 83057
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Backlighting LED in Ø 3 mm Tinted Non-Diffused Package
DESCRIPTION
The TLV.420. series was developed for backlighting. Due to
its special shape the spatial distribution of the radiation is
qualified for backlighting.
To optimize the brightness of backlighting a custom-built
reflector (with scattering) is required. Uniform illumination
can be enhanced by covering the front of the reflector with
diffusor material.
This is a flexible solution for backlighting different areas.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Package: 3 mm backlighting
• Product series: standard
• Angle of half intensity: ± 85°
FEATURES
• High light output
• Wide viewing angle
• Categorized for luminous flux
• Tinted clear package
• Low power dissipation
• Low self heating
• Rugged design
• High reliability
• Material
categorization:
for
definitions
of
compliance please see www.vishay.com/doc?99912
APPLICATIONS
• Backlighting of display panels, LCD displays, symbols
on switches, keyboards, graphic boards, and measuring
scales
• Illumination of large areas e.g. dot matrix displays
Note
(1) Not for new designs
Note
(1) Driving the LED in reverse direction is suitable for a short term application
19231
PARTS TABLE
PART
COLOR
LUMINOUS FLUX
(mlm)
at IF
(mA)
WAVELENGTH
(nm)
at IF
(mA)
FORWARD VOLTAGE
(V)
at IF
(mA) TECHNOLOGY
MIN. TYP. MAX.
MIN. TYP. MAX.
MIN.
TYP.
MAX.
TLVH4200 (1)
Red
10
55
-
15
612
-
625
10
-
2.4
3
20
GaAsP on GaP
TLVY4200
Yellow
10
30
-
15
581
-
594
10
-
2.4
3
20
GaAsP on GaP
TLVG4200
Green
10
30
-
15
562
-
575
10
-
2.4
3
20
GaP on GaP
TLVP4200 (1)
Pure green
4
20
-
15
555
-
565
10
-
2.4
3
20
GaP on GaP
TLVP4201 (1)
Pure green
16
30
-
15
555
-
565
10
-
2.4
3
20
GaP on GaP
TLVP4202
Pure green
6.3
30
-
15
555
-
565
10
-
2.4
3
20
GaP on GaP
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
TLVH4200, TLVY4200, TLVG4200, TLVP420.
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage (1)
VR
5V
DC forward current
Tamb
≤ 60 °C
IF
30
mA
Surge forward current
tp
≤ 10 μs
IFSM
1A
Power dissipation
PV
90
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
-40 to +100
°C
Storage temperature range
Tstg
-55 to +100
°C
Soldering temperature
t
≤ 5 s, 2 mm from body
Tsd
260
°C
Thermal resistance junction to ambient
RthJA
400
K/W


Similar Part No. - TLVG4200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLVG4200 VISHAY-TLVG4200 Datasheet
172Kb / 10P
Tinted clear package
14-Oct-14
TLVG4200 VISHAY-TLVG4200 Datasheet
154Kb / 7P
Backlighting LED in Ø 3 mm Tinted Non-Diffused Package
05-Jul-2022
TLVG4200 VISHAY-TLVG4200 Datasheet
155Kb / 7P
Backlighting LED in Ø 3 mm Tinted Non-Diffused Package
05-Jul-2022
TLVG4200 VISHAY-TLVG4200_V01 Datasheet
155Kb / 7P
Backlighting LED in Ø 3 mm Tinted Non-Diffused Package
05-Jul-2022
More results

Similar Description - TLVG4200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLVB4200 VISHAY-TLVB4200_V01 Datasheet
485Kb / 5P
Backlighting Blue LED, Ø 3 mm Tinted Non-Diffused Package
14-Oct-14
TLVD4200 VISHAY-TLVD4200_V01 Datasheet
196Kb / 6P
DH Backlighting LED in Ø 3 mm Tinted Non-Diffused Package
27-Jan-15
TLVD42 VISHAY-TLVD42_V01 Datasheet
145Kb / 5P
DH Backlighting LED in Ø 3 mm Tinted Non-Diffused Package
15-Sep-2021
TLVH42N2Q2 VISHAY-TLVH42N2Q2_V01 Datasheet
148Kb / 5P
Backlighting LED, Ø 3 mm Tinted Non-Diffused Package
15-Sep-2021
TLVY42N1P2-34 VISHAY-TLVY42N1P2-34_V01 Datasheet
141Kb / 5P
Backlighting LED in Ø 3 mm Tinted Non-Diffused Package
14-Oct-14
TLVY4200 VISHAY-TLVY4200 Datasheet
154Kb / 7P
Backlighting LED in Ø 3 mm Tinted Non-Diffused Package
05-Jul-2022
TLHK4200 VISHAY-TLHK4200_V02 Datasheet
111Kb / 5P
High Intensity LED in Ø 3 mm Tinted Non-Diffused Package
17-May-2019
TLVD4200 VISHAY-TLVD4200_V02 Datasheet
195Kb / 6P
DH Backlighting LED in Ø 3 mm Tinted Non-Diffused Package
27-Jan-15
TLVG4200 VISHAY-TLVG4200_V01 Datasheet
155Kb / 7P
Backlighting LED in Ø 3 mm Tinted Non-Diffused Package
05-Jul-2022
TLVY42N1P2-34 VISHAY-TLVY42N1P2-34_V02 Datasheet
141Kb / 5P
Backlighting LED in Ø 3 mm Tinted Non-Diffused Package
14-Oct-14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com