Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE1201ACCZ Datasheet(PDF) 17 Page - Analog Devices

Part # ADE1201ACCZ
Description  Single Channel, Configurable, Isolated Digital Input
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE1201ACCZ Datasheet(HTML) 17 Page - Analog Devices

Back Button ADE1201ACCZ Datasheet HTML 13Page - Analog Devices ADE1201ACCZ Datasheet HTML 14Page - Analog Devices ADE1201ACCZ Datasheet HTML 15Page - Analog Devices ADE1201ACCZ Datasheet HTML 16Page - Analog Devices ADE1201ACCZ Datasheet HTML 17Page - Analog Devices ADE1201ACCZ Datasheet HTML 18Page - Analog Devices ADE1201ACCZ Datasheet HTML 19Page - Analog Devices ADE1201ACCZ Datasheet HTML 20Page - Analog Devices ADE1201ACCZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
Data Sheet
ADE1201
Rev. 0 | Page 17 of 40
ADE1201
POWERS UP
2.4V TO 2.6V
3.3V ± 10%
ADE1201
POWERED UP
0V
150ms
320µs
ADE1201
POWER-ON RESET TIMER
TURNED ON
RSTDONE
INTERRUPT
TRIGGERED
ADE1201
READY
MICROPROCESSOR
ACCESSES
ADE1201 SPI
ADDRESS PIN
VALUE SAMPLED
SPI READS BACK AS 0xFFFF
Figure 22. Power-Up Procedure for ADE1201 System
PGA
SAR
ADC
DATA
ISOLATION
DECIMATION
COMPARATOR
COMPARATOR
COMPARATOR
COMPARATOR
DEBOUNCE
DEBOUNCE
DEBOUNCE
DEBOUNCE
DOUT1 PIN
WARNA1
WARNB1
WARNC1
IN1
DOUT1
STATUS,
INT_STATUS
Figure 23. Digital Input Signal Path
DIGITAL INPUTS SIGNAL PATH
A typical ADE1201 application circuit is shown in Figure 20, which
includes external scaling using a voltage divider. The acceptable
input voltage between the IN1 and GNDF pins is given in Table 1.
A full bridge rectifier is required to sense ac signals, as shown in
Figure 20.
Figure 23 shows a detailed view of the digital signal conditioning
done within the ADE1201 IC to generate a DOUT1 digital
output signal based on the input measured on the IN1 pin.
The following sections describe the functionality of each circuit
in detail.
PGA
The PGA stage allows four scaling factors, as shown in Table 14.
The input voltage range is the same as the IN1 input voltage
range (VIN in Table 1 and Table 14). To configure the gain over
the SPI, write to the PGA_GAIN register (Address 0x201),
Bits[1:0] (PGA_GAIN). It is recommended to choose the gain
that maximizes the range of the internal ADC, as shown in
Table 14, without setting the system thresholds outside the range of
the PGA.
By default, the PGA_GAIN bits are cleared to 00, which means
the PGA is set to 1.
Table 14. PGA Gain Settings
VIN
PGA
PGA_GAIN Register, Bits[1:0]
1.25
1×
00
0.625
2×
01
0.25
5×
10
0.125
10×
11
SAR ADC
After the PGA stage, the ADE1201 SAR ADC produces 8-bit
outputs, as shown in Figure 23. The ADC samples the IN1
channel at 100 kSPS. The digitized data is then passed through
the isolation barrier.
To get an indication of when new ADC samples are ready, write
0x8000 to the MASK register. The IRQ pin goes high for 1 μs
and then low for 9 μs at a rate of 100 kSPS, indicating when new
ADC samples are ready. When reading ADC samples, Bit 15 in the
MASK register, DREADY, must be the only interrupt enabled so
that MASK = 0x8000.
Decimation
The data from the ADC is passed through a decimator. The
decimation filter averages N samples and then decimates by
N, where N is 2, 4, or 8, as configured in the DECRATE bits
(Bits[2:1]) in the BIN_CTRL register (see Table 15). The
decimation filter topology is shown in Figure 24. To enable the
decimation, set Bit 0 (DECIMATE) to 1 in the BIN_CTRL register.
By default, the decimator is disabled and the data from the
ADC bypasses the decimator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com