Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE1202 Datasheet(PDF) 35 Page - Analog Devices

Part # ADE1202
Description  Dual Channel, Configurable, Isolated Digital Input
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE1202 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADE1202 Datasheet HTML 31Page - Analog Devices ADE1202 Datasheet HTML 32Page - Analog Devices ADE1202 Datasheet HTML 33Page - Analog Devices ADE1202 Datasheet HTML 34Page - Analog Devices ADE1202 Datasheet HTML 35Page - Analog Devices ADE1202 Datasheet HTML 36Page - Analog Devices ADE1202 Datasheet HTML 37Page - Analog Devices ADE1202 Datasheet HTML 38Page - Analog Devices ADE1202 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
Data Sheet
ADE1202
Rev. 0 | Page 35 of 42
Bits
Bit Name
Description
Reset
Access
[2:1]
DECRATE
Decimation Rate. The decimation rate used when decimation is enabled.
0x0
R/W
0: decimation filter is bypassed.
1: decimation rate equals 2.
10: decimation rate equals 4.
11: decimation rate equals 8.
0
DECIMATE
Enable Decimation. If this bit is set, the ADC data is decimated according to the
DECRATE bit field setting. The decimated samples can be read back from the
ADCDEC register.
0x0
R/W
BINARY CHANNEL THRESHOLD LEVEL REGISTER
Address: 0x003, Reset: 0x5AAA, Name: BIN_THR
Binary channel high and low threshold values.
Table 21. Bit Descriptions for BIN_THR
Bits
Bit Name
Description
Reset
Access
[15:8]
BIN_LO_THR
Low Threshold Level. If the ADC is ≤ low threshold, the comparator output is reset.
0x5A
R/W
[7:0]
BIN_HI_THR
High Threshold Level. If the ADC is > high threshold, the comparator output is set.
0xAA
R/W
WARNAx CHANNEL THRESHOLD LEVEL REGISTER
Address: 0x004, Reset: 0xCCCC, Name: WARNA_THR
Warning A high and low threshold values.
Table 22. Bit Descriptions for WARNA_THR
Bits
Bit Name
Description
Reset
Access
[15:8]
WARNA_LO_THR
Low Threshold Level. If the ADC is ≤ low threshold, the comparator output is reset.
0xCC
R/W
[7:0]
WARNA_HI_THR
High Threshold Level. If the ADC is > high threshold, the comparator output is set.
0xCC
R/W
WARNBx CHANNEL THRESHOLD LEVEL REGISTER
Address: 0x005, Reset: 0x5A88, Name: WARNB_THR
Warning B high and low threshold values.
Table 23. Bit Descriptions for WARNB_THR
Bits
Bit Name
Description
Reset
Access
[15:8]
WARNB_LO_THR
Low Threshold Level. If the ADC is ≤ low threshold, the comparator output is reset.
0x5A
R/W
[7:0]
WARNB_HI_THR
High Threshold Level. If the ADC is > high threshold, the comparator output is set.
0x88
R/W
WARNCx CHANNEL THRESHOLD LEVEL REGISTER
Address: 0x006, Reset: 0x2D2D, Name: WARNC_THR
Warning C high and low threshold values.
Table 24. Bit Descriptions for WARNC_THR
Bits
Bit Name
Description
Reset
Access
[15:8]
WARNC_LO_THR
Low Threshold Level. If the ADC is ≤ low threshold, the comparator output is reset.
0x2D
R/W
[7:0]
WARNC_HI_THR
High Threshold Level. If the ADC is > high threshold, the comparator output is set.
0x2D
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com