Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7978 Datasheet(PDF) 83 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 83 Page - Analog Devices

Back Button ADE7978 Datasheet HTML 79Page - Analog Devices ADE7978 Datasheet HTML 80Page - Analog Devices ADE7978 Datasheet HTML 81Page - Analog Devices ADE7978 Datasheet HTML 82Page - Analog Devices ADE7978 Datasheet HTML 83Page - Analog Devices ADE7978 Datasheet HTML 84Page - Analog Devices ADE7978 Datasheet HTML 85Page - Analog Devices ADE7978 Datasheet HTML 86Page - Analog Devices ADE7978 Datasheet HTML 87Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 125 page
background image
Data Sheet
ADE7978/ADE7933/ADE7932/ADE7923
Rev. D | Page 83 of 125
MAGNETIC FIELD IMMUNITY
Because the ADE7933/ADE7932 use air core transformers, the
devices are immune to dc magnetic fields. The limitation on the
ac magnetic field immunity of the ADE7933/ADE7932 is set by
the condition in which the induced voltage in the receiving coil
of the transformer is sufficiently large to either falsely set or reset
the decoder. The following analysis defines the conditions under
which this can occur. The 3.3 V operating condition is examined
because it is the nominal supply of the ADE7933/ADE7932.
The pulses at the transformer output have an amplitude greater
than 1.0 V. The decoder has a sensing threshold at approximately
0.5 V, thus establishing a 0.5 V margin within which induced volt-
ages can be tolerated. The voltage induced across the receiving
coil is given by
=
π


β
=
N
n
n
r
dt
d
V
1
2
(53)
where:
β is the ac magnetic field: β(t) = B × sin(ωt).
N is the number of turns in the receiving coil.
rn is the radius of the nth turn in the receiving coil.
Given the geometry of the receiving coil in the ADE7933/
ADE7932 and an imposed requirement that the induced voltage
(VTHR) be, at most, 50% of the 0.5 V margin at the decoder, a
maximum allowable magnetic field (B) is calculated, as shown
in Figure 105 and Equation 54.
=
π
×
π
=
N
n
n
THR
r
f
V
B
1
2
2
(54)
where f is the frequency of the magnetic field.
100
10
1
0.1
0.01
0.001
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
Figure 105. Maximum Allowable External Magnetic Field
For example, at a magnetic field frequency of 10 kHz, the maxi-
mum allowable magnetic field of 2.8 T induces a voltage of 0.25 V
at the receiving coil. This voltage is approximately 50% of the
sensing threshold and does not cause a faulty output transition.
Similarly, if such an event occurs during a transmitted pulse (and
is of the worst-case polarity), the received pulse is reduced from
more than 1.0 V to 0.75 V, still well above the 0.5 V sensing
threshold of the decoder.
The preceding magnetic field values correspond to specific current
magnitudes at given distances from the ADE7933/ADE7932
transformers.
=
×
×
×
=
×
=
N
n
n
r
f
d
V
d
B
I
1
2
0
0
μ
2
μ
π
π
(55)
where µ0 is 4π × 10−7 H/m, the magnetic permeability of air.
Figure 106 shows the allowable current magnitudes as a function
of frequency for selected distances. As shown in Figure 106, the
ADE7933/ADE7932 are extremely immune and can be affected
only by extremely large currents operated at high frequency very
close to the component. For the 10 kHz example, a current with
a magnitude of 69 kA must be placed 5 mm away from the
ADE7933/ADE7932 to affect the operation of the component.
1000
100
10
1
0.1
0.01
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
0.005m
1m
0.1m
Figure 106. Maximum Allowable Current for Various Current-to-
ADE7933/ADE7932 Spacings
Note that at combinations of strong magnetic field and high
frequency, any loops formed by PCB traces can induce error
voltages sufficiently large to trigger the thresholds of succeeding
circuitry. Exercise care in the layout of such traces to avoid this
possibility (see the Layout Guidelines section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com