Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VGS-100D Datasheet(PDF) 2 Page - CUI INC

Part # VGS-100D
Description  INTERNAL AC-DC POWER SUPPLY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VGS-100D Datasheet(HTML) 2 Page - CUI INC

  VGS-100D Datasheet HTML 1Page - CUI INC VGS-100D Datasheet HTML 2Page - CUI INC VGS-100D Datasheet HTML 3Page - CUI INC VGS-100D Datasheet HTML 4Page - CUI INC VGS-100D Datasheet HTML 5Page - CUI INC VGS-100D Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
cui.com
date 02/08/2022
│ page 2 of 6
CUI Inc
│ SERIES: VGS-100D │ DESCRIPTION: AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
5 Vdc output model
85
120
264
373
Vac
Vdc
all other output models
85
120
305
430
Vac
Vdc
frequency
47
63
Hz
current
at 85 Vac
at 115 Vac
at 230 Vac
1.7
1.3
0.7
A
A
A
inrush current
at 115 Vac, cold start
at 230 Vac, cold start
25
45
A
A
leakage current
at 240 Vac
2
mA
power factor
at 115 Vac, full load
at 230 Vac, full load
0.97
0.92
OUTPUT
parameter
conditions/description
min
typ
max
units
capacitive load
5 Vdc output
12 Vdc output
15 Vdc output
24 Vdc output
48 Vdc output
5,000
5,000
5,000
4,200
2,200
μF
μF
μF
μF
μF
initial set point accuracy
at full load
5, 12 & 15 Vdc output
24 & 48 Vdc output
±2
±1
%
%
line regulation
±0.5
%
load regulation
0%~100% load
5 Vdc output model
all other output models
±1.0
±0.5
%
%
hold-up time
at 230 Vac
16
ms
temperature coefficient
±0.05
%/°C
remote on/off (CTRL)
turn on (0 ~ 0.8 Vdc)
turn off (4 ~ 10 Vdc)
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
5 Vdc output model, hiccup
12 Vdc output model, hiccup
15 Vdc output model, hiccup
24 Vdc output model, hiccup
48 Vdc output model, hiccup
7.5
16.8
20.25
32.4
60.0
Vdc
Vdc
Vdc
Vdc
Vdc
over current protection
constant current, auto-recovery
105
150
%
over temperature protection1
over temperature protection activation
over temperature protection deactivation
50
85
°C
°C
short circuit protection
constant current, continuous, auto-recovery
Note: 1. Over temperature protection thresholds under full load conditions.
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com