Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2906835 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 2906835
Description  Surge protection device - TTC-6-TVSD-D-48DC-UT-I
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2906835 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  2906835 Datasheet HTML 1Page - PHOENIX CONTACT 2906835 Datasheet HTML 2Page - PHOENIX CONTACT 2906835 Datasheet HTML 3Page - PHOENIX CONTACT 2906835 Datasheet HTML 4Page - PHOENIX CONTACT 2906835 Datasheet HTML 5Page - PHOENIX CONTACT 2906835 Datasheet HTML 6Page - PHOENIX CONTACT 2906835 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
https://www.phoenixcontact.com/pi/products/2906835
03/25/2022   Page 5 / 7
Surge protection device - TTC-6-TVSD-D-48DC-UT-I - 2906835
Accessories
End clamp - CLIPFIX 35-5 - 3022276
Quick mounting end clamp for NS 35/7,5 DIN rail or NS 35/15 DIN rail, with marking option, with parking option for
FBS...5, FBS...6, KSS 5, KSS 6, width: 5.15 mm, color: gray
 
 
Labeled terminal marker
Zack Marker strip, flat - ZBF 6 CUS - 0825027
Zack Marker strip, flat, Strip, can be ordered: Strip, white, labeled according to customer specifications, mounting
type: snap into flat marker groove, for terminal block width: 6.2 mm, lettering field size: 5.15 x 6.15 mm, Number of
individual labels: 10
 
 
Zack Marker strip, flat - ZBF 6,QR:FORTL.ZAHLEN - 0808765
Zack Marker strip, flat, Strip, white, labeled, Printed vertically: consecutive numbers 1 ... 10, 11 ... 20, etc. up to 91 ...
100, mounting type: snap into flat marker groove, for terminal block width: 6.2 mm, lettering field size: 5.15 x 6.15
mm, Number of individual labels: 10
 
 
Marker pen
Marker pen - X-PEN 0,35 - 0811228
Marker pen without ink cartridge, for manual labeling of markers, labeling extremely wipe-proof, line thickness 0.35
mm
 
 
Terminal marking
Zack Marker strip, flat - ZBF 6:UNBEDRUCKT - 0808710
Zack Marker strip, flat, Strip, white, unlabeled, can be labeled with: PLOTMARK, CMS-P1-PLOTTER, mounting type:
snap in, for terminal block width: 6.2 mm, lettering field size: 5.15 x 6.15 mm, Number of individual labels: 10
 
 



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com