Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2906861 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 2906861
Description  Surge protection device - TTC-6-GDT-C-110AC-PT-I
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2906861 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2906861 Datasheet HTML 1Page - PHOENIX CONTACT 2906861 Datasheet HTML 2Page - PHOENIX CONTACT 2906861 Datasheet HTML 3Page - PHOENIX CONTACT 2906861 Datasheet HTML 4Page - PHOENIX CONTACT 2906861 Datasheet HTML 5Page - PHOENIX CONTACT 2906861 Datasheet HTML 6Page - PHOENIX CONTACT 2906861 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
https://www.phoenixcontact.com/pi/products/2906861
03/25/2022   Page 3 / 7
Surge protection device - TTC-6-GDT-C-110AC-PT-I - 2906861
Technical data
Connection data
Conductor cross section AWG
24 ... 12
Standards and Regulations
Standards/specifications
IEC 61643-21 2000 + corrigendum 2001 + A1:2008, modified + A2:2012
EN 61643-21 2001 + A1:2009 + A2:2013
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e
No hazardous substances above threshold values
Drawings
Diagram
2
1
3
80
40
50
60
70
T [°C]
90
Dimensional drawing
92
6,2
Circuit diagram
3
4
1
2
unprotected
protected
Classifications
eCl@ss
eCl@ss 10.0.1
27130807
eCl@ss 11.0
27130807
eCl@ss 4.0
27140201
eCl@ss 4.1
27130801
eCl@ss 5.0
27130801
eCl@ss 5.1
27130801
eCl@ss 6.0
27130800
eCl@ss 7.0
27130807
eCl@ss 9.0
27130807
ETIM
ETIM 2.0
EC000943
ETIM 3.0
EC000943



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com