Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC55S2X Datasheet(PDF) 4 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex짰-M33, CASPER, 256 KB SRAM; 512 KB flash, USB HS, Flexcomm Interface, SDIO, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 4 Page - NXP Semiconductors

  LPC55S2X Datasheet HTML 1Page - NXP Semiconductors LPC55S2X Datasheet HTML 2Page - NXP Semiconductors LPC55S2X Datasheet HTML 3Page - NXP Semiconductors LPC55S2X Datasheet HTML 4Page - NXP Semiconductors LPC55S2X Datasheet HTML 5Page - NXP Semiconductors LPC55S2X Datasheet HTML 6Page - NXP Semiconductors LPC55S2X Datasheet HTML 7Page - NXP Semiconductors LPC55S2X Datasheet HTML 8Page - NXP Semiconductors LPC55S2X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 132 page
background image
LPC55S2x/LPC552x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 2.
1 — 6 August 2021
4 of 132
NXP Semiconductors
LPC55S2x/LPC552x
32-bit ARM Cortex-M33 microcontroller
Analog peripherals:
16-bit ADC with five differential channel pair (or 10 single-ended channels), and
with multiple internal and external trigger inputs and sample rates of up to 1.0
MSamples/sec. The ADC support simultaneous conversions, on 2 ADC input
channels belonging to a differential pair.
Integrated temperature sensor connected to the ADC.
Comparator with five input pins and external or internal reference voltage.
Clock generation:
Internal Free Running Oscillator (FRO). This oscillator provides a selectable 96
MHz output, and a 12 MHz output (divided down from the selected higher
frequency) that can be used as a system clock. The FRO is trimmed to +/- 2%
accuracy over the entire voltage and -40 C to 105 C. For devices with date code
2041 (yyww)and onwards, the FRO is trimmed to +/- 1% accuracy over the entire
voltage and 0 C to 85 C.
32 kHz Internal Free Running Oscillator FRO. The FRO is trimmed to +/- 2%
accuracy over the entire voltage and temperature range.
Internal low power oscillator (FRO 1 MHz) trimmed to +/- 15% accuracy over the
entire voltage and temperature range.
Crystal oscillator with an operating frequency of 12 MHz to 32 MHz. Option for
external clock input (bypass mode) for clock frequencies of up to 25 MHz.
Crystal oscillator with 32.768 KHz operating frequency. Option for external clock
input (bypass mode) for clock frequencies of up to 100 kHz.
PLL0 and PLL1 allows CPU operation up to the maximum CPU rate without the
need for a high-frequency external clock. PLL0 and PLL1 can run from the internal
FRO 12 MHz output, the external oscillator, internal FRO 1 MHz output, or the
32.768 KHz RTC oscillator.
Clock output function with divider to monitor internal clocks.
Frequency measurement unit for measuring the frequency of any on-chip or
off-chip clock signal.
Each crystal oscillator has one embedded capacitor bank which can be used as an
integrated load capacitor. Using APIs, the capacitor banks on each crystal pin can
tune the frequency for crystals with a Capacitive Load (CL) which conserves board
space and reduces costs.
Power-saving modes and wake-up:
Integrated PMU (Power Management Unit) to minimize power consumption.
Reduced power modes: Sleep, deep-sleep with RAM retention, power-down with
RAM retention and CPU retention, and deep power-down with RAM retention.
Configurable wake-up options from peripherals interrupts.
The Micro-Tick Timer running from the watchdog oscillator, and the Real-Time
Clock (RTC) running from the 32.768 kHz clock, can be used to wake-up the
device from sleep and deep-sleep modes.
Power-On Reset (POR, around 0.8 V).
Brown-Out Detectors (BOD) for VBAT_DCDC for forced reset or interrupt.
Operating from internal DC-DC converter.
Single power supply 1.8 V to 3.6 V.
JTAG boundary scan supported.
Operating temperature range
40 °C to +105 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com