Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM54HC181 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54HC181
Description  Arithmetic Logic Units/Function Generators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54HC181 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  MM54HC181 Datasheet HTML 1Page - National Semiconductor (TI) MM54HC181 Datasheet HTML 2Page - National Semiconductor (TI) MM54HC181 Datasheet HTML 3Page - National Semiconductor (TI) MM54HC181 Datasheet HTML 4Page - National Semiconductor (TI) MM54HC181 Datasheet HTML 5Page - National Semiconductor (TI) MM54HC181 Datasheet HTML 6Page - National Semiconductor (TI) MM54HC181 Datasheet HTML 7Page - National Semiconductor (TI) MM54HC181 Datasheet HTML 8Page - National Semiconductor (TI) MM54HC181 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
General Description (Continued)
These circuits will accommodate active-high or active-low
data if the pin designations are interpreted as shown below
Subtraction is accomplished by 1’s complement addition
where the 1’s complement of the subtrahend is generated
internally The resultant output is AB1 which requires
an end-around or forced carry to produce AB
The 181 can also be utilized as a comparator The AeB
output is internally decoded from the function outputs (F0
F1 F2 F3) so that when two words of equal magnitude are
applied at the A and B inputs it will assume a high level to
indicate equality (AeB) The ALU should be in the subtract
mode with CneH when performing this comparison The
AeB output is open-drain so that it can be wire-AND con-
nected to give a comparison for more than four bits The
carry output (Cna4) can also be used to supply relative
magnitude information Again the ALU should be placed in
the subtract mode by placing the function select inputs S3
S2 S1 S0 at L H H L respectively
These circuits have been designed to not only incorporate
all of the designer’s requirements for arithmetic operations
but also to provide 16 possible functions of two Boolean
variables without the use of external circuitry These logic
functions are selected by use of the four function-select in-
puts (S0 S1 S2 S3) with the mode-control input (M) at a
high level to disable the internal carry The 16 logic func-
tions are detailed in Tables 1 and 2 and include exclusive-
OR NAND AND NOR and OR functions
ALU SIGNAL DESIGNATIONS
The MM54HC181MM74HC181 can be used with the signal
designations of either
Figure 1 or Figure 2
The logic functions and arithmetic operations obtained with
signal designations as in
Figure 1 are given in Table 1 those
obtained with the signal designations of
Figure 2 are given
in Table 2
The 54HC74HC logic family is speed function and pinout
compatible with the standard 54LS74LS logic family All
inputs are protected from damage due to static discharge by
internal diode clamps to VCC and ground
Pin Number
2
1
23
22
21
20
19
18
9
10
11
13
7
16
15
17
Active-High Data (Table 1)
A0
B0
A1
B1
A2
B2
A3
B3
F0
F1
F2
F3
Cn
Cna4
XY
Active-Low Data (Table 1)
A0B0A1B1A2B2A3B3F0F1F2F3Cn
Cna4
P
G
Input
Output
Active-High Data
Active-Low Data
Cn
Cna4
(Figure 1)
(Figure 2)
HH
AsBAtB
HL
AlBAkB
LH
AkBAlB
LL
AtBAsB
TLF5320 – 2
FIGURE 1
Table I
Selection
Active High Data
MeHMeL Arithmetic Operations
Logic
S3 S2 S1 S0 Functions
CneH (no carry)
CneL (with carry)
LLLL FeA
FeAFeA Plus 1
LLL
H FeA a B FeA a BFe(A a B) Plus 1
LL
H
L FeABFeA a B
Fe(A a B) Plus 1
LL
H
H Fe0FeMinus 1 (2’s Compl) FeZero
LHL
L FeAB
FeA Plus AB
FeA Plus AB Plus 1
LHLH FeB
Fe(A a B) Plus AB
Fe(A a B) Plus AB Plus 1
LH
HL FeA Z BFeA Minus B Minus 1
FeA Minus B
LH
H
H FeAB
FeAB Minus 1
FeAB
HL
L
L FeA a BFeA Plus AB
FeA Plus AB Plus 1
HL
LH FeA Z B FeA Plus B
FeA Plus B Plus 1
HLHL FeBFe(A a B) Plus AB
Fe(A a B) Plus AB Plus 1
HLH
H FeAB
FeAB Minus 1
FeAB
HH
L
L Fe1FeA Plus A
FeA Plus A Plus 1
HH
L
H FeA a B Fe(A a B) Plus A
Fe(A a B) Plus A Plus 1
HHH
L FeA a BFe(A a B) Plus A
Fe(A a B) Plus A Plus 1
HHHH FeAFeA Minus 1
FeA
Each bit is shifted to the next more significant position
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com