| Electronic Components Datasheet Search |
|
AM2431BSDFHIALVR Datasheet(PDF) 70 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM2431BSDFHIALVR Datasheet(HTML) 70 Page - Texas Instruments |
|
70 / 242 page ![]() Table 6-40. GPIO1 Signal Descriptions (continued) Signal Name [1] Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] GPIO1_28 IO General Purpose Input/Output R1 F4 GPIO1_29 IO General Purpose Input/Output Y5 R2 GPIO1_30 IO General Purpose Input/Output V6 U2 GPIO1_31 IO General Purpose Input/Output W4 P1 GPIO1_32 IO General Purpose Input/Output Y4 P2 GPIO1_33 IO General Purpose Input/Output T6 T4 GPIO1_34 IO General Purpose Input/Output U6 R5 GPIO1_35 IO General Purpose Input/Output U5 M4 GPIO1_36 IO General Purpose Input/Output AA4 T3 GPIO1_37 IO General Purpose Input/Output V5 T1 GPIO1_38 IO General Purpose Input/Output P5 D1 GPIO1_39 IO General Purpose Input/Output R2 F3 GPIO1_40 IO General Purpose Input/Output P2 E4 GPIO1_41 IO General Purpose Input/Output P3 D2 GPIO1_42 (1) IO General Purpose Input/Output D12 GPIO1_43 IO General Purpose Input/Output C13 B7 GPIO1_44 IO General Purpose Input/Output D13 B8 GPIO1_45 IO General Purpose Input/Output A13 A8 GPIO1_46 IO General Purpose Input/Output A14 C9 GPIO1_47 (1) IO General Purpose Input/Output B14 GPIO1_48 (1) IO General Purpose Input/Output D14 GPIO1_49 (1) IO General Purpose Input/Output C14 GPIO1_50 (1) IO General Purpose Input/Output B15 GPIO1_51 (1) IO General Purpose Input/Output A15 GPIO1_52 IO General Purpose Input/Output D15 B10 GPIO1_53 IO General Purpose Input/Output C16 B11 GPIO1_54 IO General Purpose Input/Output B16 B9 GPIO1_55 IO General Purpose Input/Output A16 A9 GPIO1_56 IO General Purpose Input/Output E15 B12 GPIO1_57 IO General Purpose Input/Output E14 A12 GPIO1_58 IO General Purpose Input/Output D16 C11 GPIO1_59 IO General Purpose Input/Output E16 A11 GPIO1_60 IO General Purpose Input/Output A17 B13 GPIO1_61 IO General Purpose Input/Output B17 A14 GPIO1_62 IO General Purpose Input/Output C17 B14 GPIO1_63 IO General Purpose Input/Output D17 A15 GPIO1_64 IO General Purpose Input/Output A18 B16 GPIO1_65 IO General Purpose Input/Output B18 B15 GPIO1_66 IO General Purpose Input/Output C18 A17 GPIO1_67 IO General Purpose Input/Output B19 B18 GPIO1_68 (1) IO General Purpose Input/Output D18 GPIO1_69 IO General Purpose Input/Output A19 A18 GPIO1_70 (1) IO General Purpose Input/Output C19 GPIO1_71 IO General Purpose Input/Output K18 K18 GPIO1_72 IO General Purpose Input/Output K19 K20 GPIO1_73 IO General Purpose Input/Output L21 J19 GPIO1_74 IO General Purpose Input/Output K21 J18 GPIO1_75 IO General Purpose Input/Output L20 J20 GPIO1_76 IO General Purpose Input/Output J19 J21 GPIO1_77 IO General Purpose Input/Output D19 B17 AM2434, AM2432, AM2431 SPRSP65C – APRIL 2021 – REVISED MARCH 2022 www.ti.com 70 Submit Document Feedback Copyright © 2022 Texas Instruments Incorporated Product Folder Links: AM2434 AM2432 AM2431 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |