| Electronic Components Datasheet Search |
|
REF7040 Datasheet(PDF) 23 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
REF7040 Datasheet(HTML) 23 Page - Texas Instruments |
|
23 / 40 page ![]() 9 Detailed Description 9.1 Overview The REF70 is family of ultra low-noise, precision bandgap voltage references that are specifically designed for excellent initial voltage accuracy and drift. The Section 9.2 is a simplified block diagram of the REF70 showing basic band-gap topology. 9.2 Functional Block Diagram EN Enable Controller Digital Core Bandgap Core Reference Buffer OUTF + Å OUTS VIN GND VIN REN 9.3 Feature Description 9.3.1 EN Pin The EN pin of the REF70 has an internal 16 MΩ pull-up resistor (REN) to VIN. This allows the EN pin of the REF70 to be left floating. When the EN pin of the REF70 is pulled high, the device is in active mode. The device must be in active mode for normal operation. The REF70 can be placed in shutdown mode by pulling the EN pin low. When in shutdown mode, the output of the device becomes high impedance and the quiescent current of the device reduces to 12 µA in shutdown mode. The EN pin must not be pulled higher than VIN supply voltage. See the Section 7.6 for logic high and logic low voltage levels. 9.4 Device Functional Modes 9.4.1 Basic Connections Figure 9-1 shows the typical connections for the REF70. TI recommends a supply bypass capacitor (CIN) ranging from 0.1-μF to 10-μF. A 1-μF to 100-μF output capacitor (CL) must be connected from OUTF to GND. The equivalent series resistance (ESR) value of CL must be 10mΩ to 400mΩ to ensure output stability. REF7025 Copyright © 2020, Texas Instruments Incorporated GND OUTS OUTF VIN EN AVDD VOUT CL CIN Figure 9-1. Basic Connections 9.4.2 Negative Reference Voltage For applications requiring a negative and positive reference voltage, the REF70 and OPA211 can be used to provide a dual-supply reference from a 5-V supply. Figure 9-2 shows the REF70 used to provide a 2.5-V supply reference voltage and -2.5V negative reference voltage. The low noise performance of the REF70 complements www.ti.com REF70 SNAS781D – OCTOBER 2020 – REVISED DECEMBER 2021 Copyright © 2021 Texas Instruments Incorporated Submit Document Feedback 23 Product Folder Links: REF70 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |