| Electronic Components Datasheet Search |
|
PREF7040QFKHT Datasheet(PDF) 31 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PREF7040QFKHT Datasheet(HTML) 31 Page - Texas Instruments |
|
31 / 40 page ![]() 12 Layout 12.1 Layout Guidelines Figure 12-1 illustrates an example of a PCB layout for a data acquisition system using the REF70. Some key considerations are: • Connect low-ESR, 0.1-μF ceramic bypass capacitors at VIN of the REF70. • Connect low-ESR, 1-uF to 100-uF capacitor at OUTF of the REF70. • Decouple other active devices in the system per the device specifications. • Using a solid ground plane helps distribute heat and reduces electromagnetic interference (EMI) noise pickup. • Place the external components as close to the device as possible. This configuration prevents parasitic errors (such as the Seebeck effect) from occurring. • Do not run sensitive analog traces in parallel with digital traces. Avoid crossing digital and analog traces if possible, and only make perpendicular crossings when absolutely necessary. 12.2 Layout Example Copyright © 2020, Texas Instruments Incorporated GND VIN EN GND GND OUTF OUTS GND 1 2 3 4 8 7 6 5 CL CIN Analog GND Input Voltage VREF Enable Control Figure 12-1. Layout Example www.ti.com REF70 SNAS781D – OCTOBER 2020 – REVISED DECEMBER 2021 Copyright © 2021 Texas Instruments Incorporated Submit Document Feedback 31 Product Folder Links: REF70 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |