Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9041UIDBVR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9041UIDBVR
Description  TLV904x 1.2-V Ultra Low Voltage, 10關A Micro-Power RRIO Amplifier for Power Conscious Applications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9041UIDBVR Datasheet(HTML) 3 Page - Texas Instruments

  TLV9041UIDBVR Datasheet HTML 1Page - Texas Instruments TLV9041UIDBVR Datasheet HTML 2Page - Texas Instruments TLV9041UIDBVR Datasheet HTML 3Page - Texas Instruments TLV9041UIDBVR Datasheet HTML 4Page - Texas Instruments TLV9041UIDBVR Datasheet HTML 5Page - Texas Instruments TLV9041UIDBVR Datasheet HTML 6Page - Texas Instruments TLV9041UIDBVR Datasheet HTML 7Page - Texas Instruments TLV9041UIDBVR Datasheet HTML 8Page - Texas Instruments TLV9041UIDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 72 page
background image
5 Device Comparison Table
DEVICE
NO. OF
CHANNELS
PACKAGE LEADS
SC70
DCK
SOIC
D
SOT-23
DBV
SOT-23
DYY
SOT-23-8
DDF
SOT-553
DRL(1)
TSSOP
PW
VSSOP
DGK
WQFN
RTE(1)
WSON
DSG
X2QFN
RUC(1)
X2SON
DPW
X2QFN
RUG
TLV9041
1
5
—
5
—
—
5
—
—
—
—
—
5
—
TLV9041S
1
—
—
6
—
—
—
—
—
—
—
—
—
—
TLV9042
2
—
8
—
—
8
—
8
8
—
8
—
—
—
TLV9042S
2
—
—
—
—
—
—
—
—
—
—
—
—
10
TLV9044
4
—
14
—
14
—
—
14
—
16
—
14
—
—
(1)
Package is preview only.
6 Pin Configuration and Functions
1
OUT
2
V±
3
IN+
4
IN±
5
V+
Not to scale
Figure 6-1. TLV9041 DBV Package
5-Pin SOT-23
Top View
1
IN+
2
V±
3
IN±
4
OUT
5
V+
Not to scale
Figure 6-2. TLV9041U DBV Package
5-Pin SOT-23
Top View
1
IN+
2
V±
3
IN±
4
OUT
5
V+
Not to scale
Figure 6-3. TLV9041 DCK Package
5-Pin SC70
Top View
1
OUT
2
IN±
3
V±
4
IN+
5
V+
Not to scale
Figure 6-4. TLV9041 DPW Package
5-Pin X2SON
Top View
Table 6-1. Pin Functions: TLV9041 and TLV9041U
PIN
I/O
DESCRIPTION
NAME
NO.
TLV9041
TLV9041U
SOT-23
SC70
X2SON
SOT-23
IN–
4
3
2
3
I
Inverting input
IN+
3
1
4
1
I
Noninverting input
OUT
1
4
1
4
O
Output
V–
2
2
3
2
I or — Negative (low) supply or ground (for single-supply operation)
V+
5
5
5
5
I
Positive (high) supply
www.ti.com
TLV9041, TLV9042, TLV9044
SBOS836G – MARCH 2020 – REVISED MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TLV9041 TLV9042 TLV9044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com