Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7925 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC7925
Description  SONET/SDH 2.5Gb/s Laser Diode Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7925 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC7925 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7925 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7925 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7925 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7925 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7925 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7925 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7925 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7925 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
G52157-0, Rev 3.2
Page 1
05/01/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Preliminary Data Sheet
VSC7925
SONET/SDH 2.5Gb/s Laser Diode Driver
Features
Applications
General Description
The VSC7925 is a single 5V supply, 2.5Gb/s laser diode driver with direct access to the laser modulation
and bias FETs. Laser bias and modulation currents are set by external components allowing precision monitor-
ing and setting of the current levels. Data density outputs are provided to allow the user to adjust the laser bias
in unbalanced data applications. Clock and data inputs have nominal 50
Ω termination resistors and high fre-
quency decoupling capacitors.P
VSC7925 Block Diagram
• Rise Times Less Than 100ps
• High Speed Operation (Up to 2.5Gb/s NRZ Data)
• Single-ended Inputs
• Single Supply
• Direct Access to Modulation and Bias FET’s
• Data Density Monitors
• On-Chip Reclocking Register
• 24-Pin Ceramic Package
• SONET/SDH at 622Mb/s, 1.244Gb/s, and
2.488Gb/s
• Full-Speed Fibre Channel (1.062Gb/s)
DIN
NDIN*
10pF
50
Ω
MK
NMK
IBIAS
NIOUT
IOUT
MIP
VIP
VIB
MIB
DQ
CLK
NCLK*
DCC
* Terminated to off-chip capacitor
10pF
50
Ω
**
**
**
**
** On-die components
IMOD
IBIAS
DCC


Similar Part No. - VSC7925

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7923 VITESSE-VSC7923 Datasheet
126Kb / 14P
SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7923CA VITESSE-VSC7923CA Datasheet
126Kb / 14P
SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7923KF VITESSE-VSC7923KF Datasheet
126Kb / 14P
SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7923KFL VITESSE-VSC7923KFL Datasheet
126Kb / 14P
SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7923X VITESSE-VSC7923X Datasheet
126Kb / 14P
SONET/SDH 2.5Gb/s Laser Diode Driver
More results

Similar Description - VSC7925

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88922 MICREL-SY88922 Datasheet
84Kb / 8P
SDH/SONET 2.5Gbps LASER DIODE DRIVER
logo
Vitesse Semiconductor C...
VSC7927 VITESSE-VSC7927 Datasheet
124Kb / 12P
SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7928 VITESSE-VSC7928 Datasheet
131Kb / 10P
SONET/SDH 3.2Gb/s Laser Diode Driver
VSC7940 VITESSE-VSC7940 Datasheet
167Kb / 16P
SONET/SDH 3.125Gb/s Laser Diode Driver with Automatic Power Control
VSC7924 VITESSE-VSC7924 Datasheet
110Kb / 12P
SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7991 VITESSE-VSC7991 Datasheet
105Kb / 10P
SONET/SDH 10.7Gb/s Electroabsorption Modulator/Laser Diode Driver
VSC7923 VITESSE-VSC7923 Datasheet
126Kb / 14P
SONET/SDH 2.5Gb/s Laser Diode Driver
VSC9210 VITESSE-VSC9210 Datasheet
973Kb / 2P
2.5Gb/s SONET/SDH FEC Encoder and Decoder
logo
Micrel Semiconductor
SY88922 MICREL-SY88922_06 Datasheet
479Kb / 6P
SDH/SONET 2.5Gbps LASER DIODE DRIVER
SY88922 MICREL-SY88922_11 Datasheet
485Kb / 6P
SDH/SONET 2.5Gbps LASER DIODE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com