Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7991CD Datasheet(PDF) 8 Page - Vitesse Semiconductor Corporation

Part # VSC7991CD
Description  SONET/SDH 10.7Gb/s Electroabsorption Modulator/Laser Diode Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7991CD Datasheet(HTML) 8 Page - Vitesse Semiconductor Corporation

Back Button VSC7991CD Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7991CD Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7991CD Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7991CD Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7991CD Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7991CD Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7991CD Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7991CD Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC7991CD Datasheet HTML 10Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7991
SDH/SONET 10.7Gb/s
Electroabsorption Modulator/Laser Diode Driver
Page 8
G52321-0, Rev 2.3
02/26/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Package Information
DIMS
TOL.
DIM
A
REF
0.054
A1
±0.003
0.003
A2
REF
0.050
D
±0.010
0.321
D1
±0.005
0.225
E
±0.010
0.321
E1
±0.005
0.225
L
±0.005
0.021
e
REF
0.0256
b
TYP
0.011
ddd
N/A
0.004
θ
N/A
0° - 10°
CCC
MAX
0.004
R1
±0.003
0.005
R
±0.003
0.005
Shoulder
-
0.020
θ
All dimensions in inches.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com