Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGC3140 Datasheet(PDF) 8 Page - Microchip Technology

Part # MGC3140
Description  MGC3140 3D Tracking and Gesture Controller Data Sheet
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3140 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MGC3140 Datasheet HTML 4Page - Microchip Technology MGC3140 Datasheet HTML 5Page - Microchip Technology MGC3140 Datasheet HTML 6Page - Microchip Technology MGC3140 Datasheet HTML 7Page - Microchip Technology MGC3140 Datasheet HTML 8Page - Microchip Technology MGC3140 Datasheet HTML 9Page - Microchip Technology MGC3140 Datasheet HTML 10Page - Microchip Technology MGC3140 Datasheet HTML 11Page - Microchip Technology MGC3140 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
...........continued
Pin Name Pin Number Pin Type Buffer Type
Description
VSS
34
P
—
Ground reference for analog modules.
This pin must be connected at all times.
DNC
35
—
—
Reserved. Do not connect.
DNC
36
—
—
Reserved. Do not connect.
PGD
37
I/O
ST
Programming Data line, connect to test pin in application
PGC
38
I/O
ST
Programming Clock line, connect to test pin in application
DNC
39
—
—
Reserved. Do not connect.
DNC
40
—
—
Reserved. Do not connect.
RX0
41
I
Analog
Analog GestIC input channel 0:
Receive electrode connection.
DNC
42
—
—
Reserved. Do not connect.
DNC
43
—
—
Reserved. Do not connect.
VCORECAP
44
P
—
Capacitor for Internal Voltage Regulator
GP1
45
O
—
Reserved. Do not connect.
GP2
46
O
—
Reserved. Do not connect.
GP3
47
O
—
Reserved. Do not connect.
GP4
48
O
—
Reserved. Do not connect.
Legend:
Analog = Analog input
P = Power
ST = Schmitt Trigger input with CMOS levels
I = Input
O = Output
I/O = Input/Output
— = N/A
Important:  Exposed pad must be connected to VSS.
Related Links
1. Pin Diagram
MGC3140
48-Pin Allocation and Pinout Description T...
© 2018-2022 Microchip Technology Inc.
and its subsidiaries
Advance Information Datasheet
DS40002037C-page 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com