Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC45208-2 Datasheet(PDF) 21 Page - Microchip Technology

Part # MIC45208-2
Description  26V, 10A DC-to-DC Power Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC45208-2 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MIC45208-2 Datasheet HTML 17Page - Microchip Technology MIC45208-2 Datasheet HTML 18Page - Microchip Technology MIC45208-2 Datasheet HTML 19Page - Microchip Technology MIC45208-2 Datasheet HTML 20Page - Microchip Technology MIC45208-2 Datasheet HTML 21Page - Microchip Technology MIC45208-2 Datasheet HTML 22Page - Microchip Technology MIC45208-2 Datasheet HTML 23Page - Microchip Technology MIC45208-2 Datasheet HTML 24Page - Microchip Technology MIC45208-2 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
2017 - 2022 Microchip Technology Inc. and its subsidiaries
DS20005603B-page 21
MIC45208-1/-2
The output voltage is determined by Equation 5-10:
EQUATION 5-10: OUTPUT VOLTAGE
DETERMINATION
A typical value of RFB1 used on the standard evaluation
board is 10 k. If RFB1 is too large, it may allow noise
to be introduced into the voltage feedback loop. If RFB1
is too small in value, it will decrease the efficiency of the
power supply, especially at light loads. Once RFB1 is
selected, RFB2 can be calculated using Equation 5-11:
EQUATION 5-11: CALCULATING RFB2
For fixed RFB1 = 10 k, the output voltage can be
selected by RFB2. Table 5-1 provides RFB2 values for
some common output voltages.
TABLE 5-1:
VOUT PROGRAMMING
RESISTOR LOOK-UP
5.5
Ripple Injection
The VFB ripple required for proper operation of the
MIC45208 gM amplifier and error comparator is 20 mV
to 100 mV. However, the output voltage ripple is gener-
ally too small to provide enough ripple amplitude at the
FB pin and this issue is more visible in lower output
voltage applications. If the feedback voltage ripple is so
small that the gM amplifier and error comparator cannot
sense it, then the MIC45208 will lose control and the
output voltage is not regulated. In order to have some
amount of VFB ripple, a ripple injection method is
applied for low output voltage ripple applications.
The applications are divided into two situations according
to the amount of the feedback voltage ripple:
1. Enough ripple at the feedback voltage due to the
large ESR of the output capacitors:
As shown in Figure 5-4, the converter is stable
without any ripple injection.
FIGURE 5-4:
Enough Ripple at FB from
ESR.
The feedback voltage ripple is:
EQUATION 5-12: FEEDBACK VOLTAGE
RIPPLE
2. There is virtually inadequate or no ripple at the
FB pin voltage due to the very low-ESR of the
output capacitors; such is the case with the
ceramic output capacitor. In this case, the VFB
ripple waveform needs to be generated by
injecting a suitable signal. MIC45208 has provi-
sions to enable an internal series RC injection
network, RINJ and CINJ, as shown in Figure 5-5,
by connecting RIB to the FB pin. This network
injects a square wave current waveform into the
FB pin, which by means of integration across the
capacitor (C14), generates an appropriate
sawtooth FB ripple waveform.
FIGURE 5-5:
Internal Ripple Injection at
FB via RIB Pin.
RFB2
VOUT
OPEN
0.8V
40.2 k
1.0V
20 k
1.2V
11.5 k
1.5V
8.06 k
1.8V
4.75 k
2.5V
3.24 k
3.3V
1.91 k
5.0V
VOUT = VFB  1 +
RFB1
RFB2
Where:
VFB = 0.8V
RFB2 =
VFB  RFB1
VOUT – VFB
R
FB1
R
FB2
ESR
C
OUT
V
OUT
FB
MIC45208
VFB(PP)
RFB2
RFB1  RFB2
ESRCOUT  IL(PP)
Where:
IL(PP) = The peak-to-peak value of the inductor
current ripple
R
FB1
R
FB2
ESR
C
OUT
V
OUT
FB
MIC45208
C14
RIB
RIA
SW
R
INJ
C
INJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com