Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC30R81 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STLC30R81
Description  INTEGRATED RINGING SLIC FOR SHORT LOOP APPLICATIONS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC30R81 Datasheet(HTML) 2 Page - STMicroelectronics

  STLC30R81 Datasheet HTML 1Page - STMicroelectronics STLC30R81 Datasheet HTML 2Page - STMicroelectronics STLC30R81 Datasheet HTML 3Page - STMicroelectronics STLC30R81 Datasheet HTML 4Page - STMicroelectronics STLC30R81 Datasheet HTML 5Page - STMicroelectronics STLC30R81 Datasheet HTML 6Page - STMicroelectronics STLC30R81 Datasheet HTML 7Page - STMicroelectronics STLC30R81 Datasheet HTML 8Page - STMicroelectronics STLC30R81 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
STLC30R81
2/17
PIN CONNECTION (Top view)
PIN DESCRIPTION
Pin
Type
Function
1
N.C.
No Connection
2
CSI
In
Chip-Select for input control bits; active low.
3
D0
In
Control Interface input bit 0. *
4
DI
In
Control Interface input bit 1. *
5
D2
In
Control Interface input bit 2. *
6
D3
In
Control Interface input bit 3. *
7
RES
In
Reset pin active low
8
N.C.
No Connection
9
VDD
In
Control Interface Power Supply
10
VCC
In
Positive Power Supply.
11
CRT
In
GNDK detection capacitor
12
CREV
In
Reverse polarity transition time programming capacitor
13
N.C.
No Connection
14
VBAT1
In
Negative Battery Supply 1 (-38V Typ)
15
N.C.
No Connection
16
VBAT2
In
Negative Battery Supply 2 (-74V Typ)
17
TX
Out
4 wires output stage (transmitting port)
18
ZB
In
Canceling input of balance network for 2 to 4 wires conversion.
19
RS
In
Protection resistors image. It is connected between this node and ZAC
20
ZAC
In
AC impedance synthesis
21
ZAC1
In
RX buffer output / AC impedance is connected between this node and ZAC
22
Rxin+
In
4 wires input stage (receiving port). A 100K external resistor must be connected to
AGND to bias the input stage
23
Rxin-
In
4 wires input stage (receiving port). A 100K external resistor must be connected to
AGND to bias the input stage. If not used must be tied to ground.
N.C.
RXin-
D01TL512
1
2
3
5
6
4
7
8
9
10
17
11
18 19 20 21 22
44 43 42 41
39
40
38 37 36 35 34
28
27
26
24
23
25
33
32
31
29
30
12 13 14 15 16
CS
D0
D1
D2
D3
VDD
RES
N.C.
VCC
CRT
RG+
RG-
CAC
RD
ILTF
AGND
N.C.
RTH
RLIM
IREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com