Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP103H Datasheet(PDF) 1 Page - Interpion semiconductor

Part # IP103H
Description  Voltage and Current Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP103H Datasheet(HTML) 1 Page - Interpion semiconductor

  IP103H Datasheet HTML 1Page - Interpion semiconductor IP103H Datasheet HTML 2Page - Interpion semiconductor IP103H Datasheet HTML 3Page - Interpion semiconductor IP103H Datasheet HTML 4Page - Interpion semiconductor IP103H Datasheet HTML 5Page - Interpion semiconductor IP103H Datasheet HTML 6Page - Interpion semiconductor IP103H Datasheet HTML 7Page - Interpion semiconductor IP103H Datasheet HTML 8Page - Interpion semiconductor IP103H Datasheet HTML 9Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
IP103H
Dec. 2002
- 1 -
WWW.INTERPIONSEMI.COM
Voltage and Current Controller
The IP103H is designed to be used in battery
chargers with a constant voltage and a constant cur-
rent control.
This device is a monolithic IC that includes one in-
dependent op-amp and other op-amp for which the
non inverting input is wired to a 2.5V fixed Voltage
reference.
Integrating the reference and op-amps creates a so-
lution for low cost charging applications.
Operational Amplifiers
- Low Supply Current : 200uA/amp
- Medium Speed : 1.5MHz
- Low Level Output Voltage Close to VEE : 0.1V Typ.
-Wide Power Supply Range; 3.6~28V
Adjustable Shunt Regulator
- Fixed Output Voltage Reference 2.5V
- Sink Current Capability : 0.5 to 150mA
- 1% Voltage Precision
- Latch-up Immunity
DESCRIPTION
FEATURES
BLOCK DIAGRAM
Device
Package
Operating Temp
IP103H
8DIP
I103H
8SOP
-40OC ~ +105OC
ORDERING INFORMATION
1
2
3
4
5
6
7
8
OUT1
VIN1-
VIN1+
VEE
VIN2+
VIN2-
OUT2
VCC
Vref
OP2
OP1
8DIP
8SOP
* The Main Differences of IP103 and IP103H areVicm(Input Common Mode Voltage Range) and Vop(Operating Voltage)


Similar Part No. - IP103H

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
IP10 BEL-IP10 Datasheet
3Mb / 7P
IP68 Waterproof Connectors and Adapters
logo
Hubbell Incorporated.
IP100 HUBBELL-IP100 Datasheet
224Kb / 1P
Xcelerator Jack Icon, XJ and HJ Series
logo
List of Unclassifed Man...
IP1000ALF ETC2-IP1000ALF Datasheet
1Mb / 75P
Gigabit Ethernet NIC Single Chip
IP1000ALF-DS-R01 ETC2-IP1000ALF-DS-R01 Datasheet
1Mb / 75P
Gigabit Ethernet NIC Single Chip
IP1000ALF-DS-R02 ETC2-IP1000ALF-DS-R02 Datasheet
1Mb / 75P
Gigabit Ethernet NIC Single Chip
More results

Similar Description - IP103H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM101 STMICROELECTRONICS-TSM101 Datasheet
117Kb / 15P
VOLTAGE AND CURRENT CONTROLLER
Jun-1999
logo
List of Unclassifed Man...
CYT101 ETC2-CYT101 Datasheet
1Mb / 3P
Voltage and Current Controller
logo
STMicroelectronics
TSM101 STMICROELECTRONICS-TSM101_01 Datasheet
389Kb / 13P
VOLTAGE AND CURRENT CONTROLLER
Jun-2001
TSM102 STMICROELECTRONICS-TSM102_04 Datasheet
102Kb / 9P
VOLTAGE AND CURRENT CONTROLLER
Jan-2004
TSM101ACDT STMICROELECTRONICS-TSM101ACDT Datasheet
391Kb / 13P
VOLTAGE AND CURRENT CONTROLLER
Jun-2001
TSM102AIDT STMICROELECTRONICS-TSM102AIDT Datasheet
105Kb / 9P
VOLTAGE AND CURRENT CONTROLLER
Jan-2004
logo
E-Tech Electronics LTD
UM601_A ETL-UM601_A Datasheet
159Kb / 5P
VOLTAGE AND CURRENT CONTROLLER
logo
Unisonic Technologies
UM601A UTC-UM601A Datasheet
150Kb / 6P
VOLTAGE AND CURRENT CONTROLLER
logo
First Components Intern...
FTSM101A FCI-FTSM101A Datasheet
166Kb / 7P
VOLTAGE AND CURRENT CONTROLLER
logo
Unisonic Technologies
UM601A UTC-UM601A_17 Datasheet
122Kb / 6P
VOLTAGE AND CURRENT CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com