Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAS44BB Datasheet(PDF) 2 Page - Schneider Electric

Part # PAS44BB
Description  Portal axis, Lexium PAS, model range 4, profile size 110 x 110 mm, toothed belt, ball guide
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

PAS44BB Datasheet(HTML) 2 Page - Schneider Electric

  PAS44BB Datasheet HTML 1Page - Schneider Electric PAS44BB Datasheet HTML 2Page - Schneider Electric PAS44BB Datasheet HTML 3Page - Schneider Electric PAS44BB Datasheet HTML 4Page - Schneider Electric PAS44BB Datasheet HTML 5Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Product data sheet
Dimensions Drawings
PAS44BB
Size Characteristics
(2)
LP : total length of axis
(3)
LC : length of carriage
(4)
X : Stroke, depending on application
Without protective metal strip
With protective metal strip
mm
146
146
A
in.
5.75
5.75
mm
40
40
c
in.
1.57
1.57
mm
–
20
d
in.
–
0.79
mm
–
80
D
in.
–
3.15
mm
= 372 + LC + X
= 412 + LC + X
LP
in.
= 14.64 + LC + X
= 16.22 + LC + X
mm
135
135
M
in.
5.31
5.31
Carriage type 1
Without protective metal strip
With protective metal strip
mm
110
210
E0
in.
4.33
8.27
mm
110
210
E1
in.
4.33
8.27
mm
310
470
LC
in.
12.20
18.50
Carriage type 2
Without protective metal strip
With protective metal strip
mm
110
210
E0
in.
4.33
8.27
mm
200
300
E1
in.
7.87
11.81
mm
400
560
LC
in.
15.75
22.05
Carriage type 4
Without protective metal strip
With protective metal strip
mm
110
210
E0
in.
4.33
8.27
mm
380
480
E1
in.
14.95
18.90
mm
580
740
LC
in.
22.83
29.13
2
Apr 19, 2022



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com