Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC5604BAMLL6R Datasheet(PDF) 86 Page - NXP Semiconductors

Part # PPC5604BAMLL6R
Description  Single issue, 32-bit CPU core complex (e200z0)
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PPC5604BAMLL6R Datasheet(HTML) 86 Page - NXP Semiconductors

Back Button PPC5604BAMLL6R Datasheet HTML 82Page - NXP Semiconductors PPC5604BAMLL6R Datasheet HTML 83Page - NXP Semiconductors PPC5604BAMLL6R Datasheet HTML 84Page - NXP Semiconductors PPC5604BAMLL6R Datasheet HTML 85Page - NXP Semiconductors PPC5604BAMLL6R Datasheet HTML 86Page - NXP Semiconductors PPC5604BAMLL6R Datasheet HTML 87Page - NXP Semiconductors PPC5604BAMLL6R Datasheet HTML 88Page - NXP Semiconductors PPC5604BAMLL6R Datasheet HTML 89Page - NXP Semiconductors PPC5604BAMLL6R Datasheet HTML 90Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 109 page
background image
MPC5604B/C Microcontroller Data Sheet, Rev. 15
Package pinouts and signal descriptions
NXP Semiconductors
86
Figure 32. DSPI PCS strobe (PCSS) timing
2.27.3
Nexus characteristics
Table 47. Nexus characteristics
No.
Symbol
C
Parameter
Value
Unit
Min
Typ
Max
1tTCYC
CC
D TCK cycle time
64
ns
2tMCYC
CC
D MCKO cycle time
32
ns
3tMDOV
CC
D MCKO low to MDO data valid
8
ns
4tMSEOV
CC
D MCKO low to MSEO_b data valid
8
ns
5tEVTOV
CC
D MCKO low to EVTO data valid
8
ns
10
tNTDIS
CC
D TDI data setup time
15
ns
tNTMSS
CC
D TMS data setup time
15
ns
11
tNTDIH
CC
D TDI data hold time
5
ns
tNTMSH
CC
D TMS data hold time
5
ns
12
tTDOV
CC
D TCK low to TDO data valid
35
ns
13
tTDOI
CC
D TCK low to TDO data invalid
6
ns
PCSx
7
8
PCSS
Note: Numbers shown reference Table 46.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com