Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9371BBCZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD9371BBCZ
Description  Integrated, Dual RF Transceiver with Observation Path
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9371BBCZ Datasheet(HTML) 1 Page - Analog Devices

  AD9371BBCZ Datasheet HTML 1Page - Analog Devices AD9371BBCZ Datasheet HTML 2Page - Analog Devices AD9371BBCZ Datasheet HTML 3Page - Analog Devices AD9371BBCZ Datasheet HTML 4Page - Analog Devices AD9371BBCZ Datasheet HTML 5Page - Analog Devices AD9371BBCZ Datasheet HTML 6Page - Analog Devices AD9371BBCZ Datasheet HTML 7Page - Analog Devices AD9371BBCZ Datasheet HTML 8Page - Analog Devices AD9371BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
Integrated, Dual RF Transceiver
with Observation Path
Data Sheet
AD9371
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of thirdparties thatmayresultfromitsuse.Specificationssubject tochangewithout notice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2016–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Dual differential transmitters (Tx)
Dual differential receivers (Rx)
Observation receiver (ORx) with 2 inputs
Sniffer receiver (SnRx) with 3 inputs
Tunable range: 300 MHz to 6000 MHz
Tx synthesis bandwidth (BW) to 250 MHz
Rx BW: 8 MHz to 100 MHz
Supports frequency division duplex (FDD) and time division
duplex (TDD) operation
Fully integrated independent fractional-N radio frequency (RF)
synthesizers for Tx, Rx, ORx, and clock generation
JESD204B digital interface
APPLICATIONS
3G/4G micro and macro base stations (BTS)
3G/4G multicarrier picocells
FDD and TDD active antenna systems
Microwave, nonline of sight (NLOS) backhaul systems
GENERAL DESCRIPTION
The AD9371 is a highly integrated, wideband RF transceiver
offering dual channel transmitters and receivers, integrated
synthesizers, and digital signal processing functions. The IC
delivers a versatile combination of high performance and low
power consumption required by 3G/4G micro and macro BTS
equipment in both FDD and TDD applications. The AD9371
operates from 300 MHz to 6000 MHz, covering most of the
licensed and unlicensed cellular bands. The IC supports receiver
bandwidths up to 100 MHz. It also supports observation receiver
and transmit synthesis bandwidths up to 250 MHz to
accommodate digital correction algorithms.
The transceiver consists of wideband direct conversion signal
paths with state-of-the-art noise figure and linearity. Each complete
receiver and transmitter subsystem includes dc offset correction,
quadrature error correction (QEC), and programmable digital
filters, eliminating the need for these functions in the digital
baseband. Several auxiliary functions such as an auxiliary analog-
to-digital converter (ADC), auxiliary digital-to-analog converters
(DACs), and general-purpose input/outputs (GPIOs) are integrated
to provide additional monitoring and control capability.
An observation receiver channel with two inputs is included to
monitor each transmitter output and implement interference
mitigation and calibration applications. This channel also connects
to three sniffer receiver inputs that can monitor radio activity in
different bands.
FUNCTIONAL BLOCK DIAGRAM
OBSERVATION
Rx
ORX1+
ORX1–
ORX2+
ORX2–
RX_EXTLO+
RX_EXTLO–
ADC
LPF
RX2
ADC
LPF
RX1
RX1+
RX1–
LO
GENERATOR
RF
SYNTHESIZER
RX2+
RX2–
DECIMATION,
pFIR,
DC OFFSET
QEC,
TUNING,
RSSI,
OVERLOAD
MICRO-
CONTROLLER
SPI
PORT
ADC
LPF
SNIFFER
Rx
ADC
LPF
TX_EXTLO+
TX_EXTLO–
DAC
LPF
TX2
DAC
LPF
TX1
TX1+
TX1–
TX2+
TX2–
pFIR,
QEC,
INTERPOLATION
GPIO
AUXADC
AUXDAC
CLOCK
GENERATOR
EXTERNAL
OPTION
LO
GENERATOR
RF
SYNTHESIZER
RF
SYNTHESIZER
LO
GENERATOR
EXTERNAL
OPTION
SNRXA+
SNRXA–
SNRXB+
SNRXB–
SNRXC+
SNRXC–
DECIMATION,
pFIR,
AGC,
DC OFFSET,
QEC,
TUNING,
RSSI,
OVERLOAD
AD9371
NOTES
1. FOR JESD204B PINS, SEE FIGURE 4.
Figure 1.
The high speed JESD204B interface supports lane rates up to
6144 Mbps. Four lanes are dedicated to the transmitters and four
lanes are dedicated to the receiver and observation receiver channels.
The fully integrated phase-locked loops (PLLs) provide high
performance, low power fractional-N frequency synthesis for
the transmitter, the receiver, the observation receiver, and the
clock sections. Careful design and layout techniques provide the
isolation demanded in high performance base station applications.
All voltage controlled oscillator (VCO) and loop filter components
are integrated to minimize the external component count.
A 1.3 V supply is required to power the core of the AD9371, and
a standard 4-wire serial port controls it. Other voltage supplies
provide proper digital interface levels and optimize transmitter
and auxiliary converter performance. The AD9371 is packaged in a
12 mm × 12 mm, 196-ball chip scale ball grid array (CSP_BGA).


Similar Part No. - AD9371BBCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9371BBCZ AD-AD9371BBCZ Datasheet
1Mb / 60P
Dual differential transmitters
Rev. A
AD9371BBCZ-REEL AD-AD9371BBCZ-REEL Datasheet
1Mb / 60P
Dual differential transmitters
Rev. A
More results

Similar Description - AD9371BBCZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7799 TI1-AFE7799 Datasheet
338Kb / 9P
Quad-Channel RF Transceiver With Feedback Path
AFE7769 TI1-AFE7769 Datasheet
341Kb / 9P
AFE7769 Quad-Channel RF Transceiver With Feedback Path
AFE7920 TI1-AFE7920 Datasheet
350Kb / 12P
AFE79xx Quad-Channel RF Transceiver With Feedback Path
logo
Analog Devices
ADRV9026 AD-ADRV9026 Datasheet
2Mb / 118P
Integrated, Quad RF Transceiver with Observation Path
8/2020-Rev. A to Rev. B
ADRV9010 AD-ADRV9010 Datasheet
2Mb / 115P
Integrated, Quad RF Transceiver with Observation Path
Jan-2021
ADRV9029 AD-ADRV9029 Datasheet
2Mb / 133P
Integrated, Quad RF Transceiver with Observation Path
12/2020-Revision 0
AD9375 AD-AD9375 Datasheet
852Kb / 61P
Integrated, Dual RF Transceiver with Observation Path
3/2017-Revision 0
ADRV9008-2 AD-ADRV9008-2 Datasheet
2Mb / 95P
Integrated Dual RF Transmitters and Observation Receiver
9/2018-Revision 0
ADRV9009 AD-ADRV9009 Datasheet
3Mb / 127P
Integrated Dual RF Transmitter, Receiver, and Observation Receiver
5/2019-Rev. A to Rev B.
AD9986 AD-AD9986_V01 Datasheet
3Mb / 37P
4T2R Direct RF Transmitter and Observation Receiver
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com