Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5367 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5367
Description  2200 MHz to 2700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5367 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5367 Datasheet HTML 9Page - Analog Devices ADL5367 Datasheet HTML 10Page - Analog Devices ADL5367 Datasheet HTML 11Page - Analog Devices ADL5367 Datasheet HTML 12Page - Analog Devices ADL5367 Datasheet HTML 13Page - Analog Devices ADL5367 Datasheet HTML 14Page - Analog Devices ADL5367 Datasheet HTML 15Page - Analog Devices ADL5367 Datasheet HTML 16Page - Analog Devices ADL5367 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
ADL5354
Rev. A | Page 13 of 24
VS = 5 V, IS = 350 mA, TA = 25°C, fRF = 2535 MHz, fLO = 2332 MHz, LO power = 0 dBm, RF power = −10 dBm, R1 = R4 = 1.3 kΩ, R2 = R5 = 1 kΩ,
ZO = 50 Ω, VGS0 = VGS1 = VGS2 = 0 V, unless otherwise noted.
10
4
5
6
7
8
9
18
16
6
8
10
12
14
2.20
2.25
2.30
2.35
2.40
2.45
2.50
2.55
2.60
2.70
2.65
RF FREQUENCY (GHz)
VGS = 000
VGS = 011
VGS = 100
VGS = 110
Figure 39. Power Conversion Gain and SSB Noise Figure vs. RF Frequency for
Various VGS Settings
20
18
16
14
12
10
8
6
32
29
26
23
20
17
14
11
2.20
2.25
2.30
2.35
2.40
2.45
2.50
2.55
2.60
2.70
2.65
RF FREQUENCY (GHz)
VGS = 000
VGS = 011
VGS = 100
VGS = 110
Figure 40. Input P1dB and Input IP3 vs. RF Frequency for Various VGS Settings
14
12
13
11
10
9
8
7
6
32
29
26
23
20
17
14
11
8
0.6
0.7
0.9
1.1
1.3
1.6
0.8
1.0
1.2
1.4
1.8
1.5
1.7
LO BIAS RESISTOR VALUE (kΩ)
CONVERSION GAIN
SSB NOISE FIGURE
INPUT IP3
Figure 41. Power Conversion Gain, SSB Noise Figure, and Input IP3 vs. LO Bias
Resistor Value
0.30
0
0.05
0.10
0.15
0.20
0.25
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.5
1.7
1.4
1.6
1.8
BIAS RESISTOR VALUE (kΩ)
LO BIAS SUPPLY CURRENT
IF BIAS SUPPLY CURRENT
Figure 42. LO and IF Supply Current vs. IF and LO Bias Resistor Value
16
12
14
15
13
11
10
9
8
7
6
30
27
24
21
18
15
12
9
6
3
0
0.6
0.7
0.9
1.1
1.3
1.6
0.8
1.0
1.2
1.4
1.8
1.5
1.7
IF BIAS RESISTOR VALUE (kΩ)
CONVERSION GAIN
SSB NOISE FIGURE
INPUT IP3
Figure 43. Power Conversion Gain, SSB Noise Figure, and Input IP3 vs. IF Bias
Resistor Value
2.20
2.25
2.30
2.35
2.40
2.45
2.50
2.55
2.60
2.65
2.70
RF FREQUENCY (GHz)
62
50
52
54
56
58
60
TA = +85°C
TA = –40°C
TA = +25°C
Figure 44. IF Channel-to-Channel Isolation vs. RF Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com