Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DHC2800S Datasheet(PDF) 4 Page - M.S. Kennedy Corporation

Part # DHC2800S
Description  6W DC-DC CONVERTERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

DHC2800S Datasheet(HTML) 4 Page - M.S. Kennedy Corporation

  DHC2800S Datasheet HTML 1Page - M.S. Kennedy Corporation DHC2800S Datasheet HTML 2Page - M.S. Kennedy Corporation DHC2800S Datasheet HTML 3Page - M.S. Kennedy Corporation DHC2800S Datasheet HTML 4Page - M.S. Kennedy Corporation DHC2800S Datasheet HTML 5Page - M.S. Kennedy Corporation DHC2800S Datasheet HTML 6Page - M.S. Kennedy Corporation DHC2800S Datasheet HTML 7Page - M.S. Kennedy Corporation DHC2800S Datasheet HTML 8Page - M.S. Kennedy Corporation DHC2800S Datasheet HTML 9Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
VIN=16V, 28V and 40V
IOUT=0A, 0.5A and 1A
IOUT=500mA to/from 1000mA
Transition TIme=30µS
IOUT=500mA to/from 1000mA
Transition TIme=30µS
VIN=16V to/from 40V
Transition Time=30µS
VIN=16V to/from 40V
Transition Time=30µS
POUT=6W MAX.
POUT=5W MAX.
POUT=2.5W MAX.
Enabled, IOUT=0mA
Disabled IOUT=0mA
No Effect on DC Performance
Input to output or any pin to case @ 500V
RPOT=50K
Ω
Capacitive Load
Isolation
Short Circuit Current Limit
Switching Frequency
VOUT Adjustment Range
ELECTRICAL SPECIFICATIONS
VDC
VDC
mA
mA
mA
mA
mVp-p
mVp-p
mAp-p
mAp-p
mV
mV
mV
mV
%
%
mV
mV
µS
µS
mV
mV
µS
µS
mV
mV
mS
mS
µS
µS
mS
V
V
V
mA
mA
µF
M
Ω
A
KHz
%
Min.
4.95
4.80
120
120
120
120
-
-
-
-
-
-
-
-
64
62
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
12
11
10
-
-
-
100
1.6
375
±10
Output Voltage
Output Voltage Ripple
Input Current Ripple
Line Regulation
Load Regulation
Efficiency
Step Load Response
Step Load Recovery
Step Line Response
Step Line Recovery
Start Up Overshoot
Start Up Delay
Shutdown Delay
Parameter
Test Conditions 1
Max.
5.05
5.20
1200
1200
1500
1500
190
475
200
200
±15
±50
±25
±50
-
-
±500
±750
300
300
±500
±500
500
500
200
200
50
50
500
500
-
50
50
50
40
5
300
-
2.2
425
-
DHC2805S
DHC2805S H/E
Input Voltage Range
Output Current
Units
Typ.
5.00
-
-
-
-
-
75
-
100
-
±6
-
±10
-
70
-
±300
-
90
-
±160
-
140
-
0
0
30
-
220
-
60
-
-
-
35
2
-
-
1.9
400
-
12V
≤VIN≤50V
16V
≤VIN≤50V
BW=10KHz to 2MHz
BW=10KHz to 2MHz
VIN=16V to 40V
IOUT=1A
IOUT=0A and 1A
Group A
Subgroup
1
2,3
1
2,3
1
2,3
1
2,3
1
2,3
1
2,3
1
2,3
1
2,3
4
5,6
4
5,6
4
5,6
4
5,6
4
5,6
4
5,6
4
5,6
-
1,2,3
1,2,3
1,2,3
1,2,3
1,2,3
1,2,3
1
1
4
1
7
2
Min.
4.90
-
120
-
120
-
-
-
-
-
-
-
-
-
64
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
12
11
10
-
-
-
100
1.5
350
±10
Max.
5.10
-
1200
-
1500
-
190
-
225
-
±20
-
±30
-
-
-
±500
-
300
-
±500
-
500
-
200
-
50
-
500
-
-
50
50
50
45
5
300
-
2.3
450
-
Typ.
5.00
-
-
-
-
-
75
-
100
-
±6
-
±10
-
70
-
±300
-
90
-
±160
-
140
-
0
-
30
-
220
-
60
-
-
-
35
2
-
-
1.9
400
-
Rev. F 9/05
4
Shutdown Recovery
Quiescent Current
2
2
2
2
2
8
2
DHC2805S
1
2
3
4
5
6
7
8
+VIN = 28V, IOUT = 1.8A for DHC2803S, IOUT = 1.0A for DHC2805S, TA=TC=25°C unless otherwise specified.
Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
Industrial grade and "E" suffix devices shall be tested to subgroups 1 and 4 unless otherwise specified.
Military grade devices ("H" suffix) shall be 100% tested to subgroups 1, 2, 3 and 4.
Subgroups 5 and 6 testing available upon request.
Subgroup 1, 4 TA=TC=+25°C
2, 5 TA=TC=+125°C
3, 6 TA=TC= -55°C
Device has internal shutdown feature that pulses the output with a low duty cycle during faults.
Refer to DSCC SMD for electrical specifications for devices purchased as such.
NOTES:
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com