Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA8553DTT/AY Datasheet(PDF) 27 Page - NXP Semiconductors

Part # PCA8553DTT/AY
Description  Automotive 40 횞 4 LCD segment driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8553DTT/AY Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button PCA8553DTT/AY Datasheet HTML 23Page - NXP Semiconductors PCA8553DTT/AY Datasheet HTML 24Page - NXP Semiconductors PCA8553DTT/AY Datasheet HTML 25Page - NXP Semiconductors PCA8553DTT/AY Datasheet HTML 26Page - NXP Semiconductors PCA8553DTT/AY Datasheet HTML 27Page - NXP Semiconductors PCA8553DTT/AY Datasheet HTML 28Page - NXP Semiconductors PCA8553DTT/AY Datasheet HTML 29Page - NXP Semiconductors PCA8553DTT/AY Datasheet HTML 30Page - NXP Semiconductors PCA8553DTT/AY Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
NXP Semiconductors
PCA8553
Automotive 40 × 4 LCD segment driver
10.1.4 I2C interface protocol
The PCA8553 uses the I2C interface for data transfer. Interpretation of the data is
determined by the interface protocol.
10.1.4.1 Write protocol
After the I2C target address is transmitted, the PCA8553 requires that the register
address pointer is defined. It can take the value 00h to 17h. Values outside of that
range will result in the transfer being ignored, however the target will still respond with
acknowledge pulses.
After the register address has been transmitted, write data is transmitted. The minimum
number of data write bytes is 0 and the maximum number is unlimited. After each write,
the address pointer increments by one. After address 17h, the address pointer stops
incrementing at 18h.
• I2C START condition
• I2C target address + write
• start register pointer
• write data
• write data
• :
• write data
• I2C STOP condition; an I2C RE-START condition is also possible.
10.1.4.2 Read protocol
When reading the PCA8553, reading starts at the current position of the address pointer.
The address pointer for read data should first be defined by a write sequence.
• I2C START condition
• I2C target address + write
• start address pointer
• I2C STOP condition; an I2C RE-START condition is also possible.
After setting the address pointer, a read can be executed. After the I2C target address is
transmitted, the PCA8553 will immediately output read data. After each read, the address
pointer increments by one. After address 17h, the address pointer stops incrementing at
18h.
• I2C START condition
• I2C target address + read
• read data (controller sends acknowledge bit)
• read data (controller sends acknowledge bit)
10.1.4.3 I2C-bus target address
Device selection depends on the I2C-bus target address. Four different I2C-bus target
addresses can be used to address the PCA8553 (see Table 12).
PCA8553
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 1 October 2021
27 / 52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com