Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT600 Datasheet(PDF) 65 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex짰-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC; Analog Comparator; Audio
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 61Page - NXP Semiconductors RT600 Datasheet HTML 62Page - NXP Semiconductors RT600 Datasheet HTML 63Page - NXP Semiconductors RT600 Datasheet HTML 64Page - NXP Semiconductors RT600 Datasheet HTML 65Page - NXP Semiconductors RT600 Datasheet HTML 66Page - NXP Semiconductors RT600 Datasheet HTML 67Page - NXP Semiconductors RT600 Datasheet HTML 68Page - NXP Semiconductors RT600 Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 167 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2022. All rights reserved.
Product data sheet
Rev. 2.0 — 1 April 2022
65 of 165
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
10.12.10 HiFi 4 memory map
Table 15 provides a detailed memory map from the viewpoint of the HiFi 4.
Table 15.
HiFi 4 overview memory map
Cacheable start
address [1]
Cacheable end
address [1]
Non-cacheable
start address [1]
Non-cacheable
end address [1]
Function
Size
AHB
port
0x0000 0000
0x0000 7FFF
0x2000 0000
0x2000 7FFF
Shared RAM partition 0.
32 KB
2 [2]
0x0000 8000
0x0000 FFFF
0x2000 8000
0x2000 FFFF
Shared RAM partition 1.
32 KB
0x0001 0000
0x0001 7FFF
0x2001 0000
0x2001 7FFF
Shared RAM partition 2.
32 KB
3 [2]
0x0001 8000
0x0001 FFFF
0x2001 8000
0x2001 FFFF
Shared RAM partition 3.
32 KB
0x0002 0000
0x0002 7FFF
0x2002 0000
0x2002 7FFF
Shared RAM partition 4.
32 KB
4 [2]
0x0002 8000
0x0002 FFFF
0x2002 8000
0x2002 FFFF
Shared RAM partition 5.
32 KB
0x0003 0000
0x0003 7FFF
0x2003 0000
0x2003 7FFF
Shared RAM partition 6.
32 KB
0x0003 8000
0x0003 FFFF
0x2003 8000
0x2003 FFFF
Shared RAM partition 7.
32 KB
0x0004 0000
0x0004 FFFF
0x2004 0000
0x2004 FFFF
Shared RAM partition 8.
64 KB
5 [2]
0x0005 0000
0x0005 FFFF
0x2005 0000
0x2005 FFFF
Shared RAM partition 9.
64 KB
0x0006 0000
0x0006 FFFF
0x2006 0000
0x2006 FFFF
Shared RAM partition 10.
64 KB
0x0007 0000
0x0007 FFFF
0x2007 0000
0x2007 FFFF
Shared RAM partition 11.
64 KB
0x0008 0000
0x0009 FFFF
0x2008 0000
0x2009 FFFF
Shared RAM partition 12.
128 KB 6 [2]
0x000A 0000
0x000B FFFF
0x200A 0000
0x200B FFFF
Shared RAM partition 13.
128 KB
0x000C 0000
0x000D FFFF
0x200C 0000
0x200D FFFF
Shared RAM partition 14.
128 KB
0x000E 0000
0x000F FFFF
0x200E 0000
0x200F FFFF
Shared RAM partition 15.
128 KB
0x0010 0000
0x0013 FFFF
0x2010 0000
0x2013 FFFF
Shared RAM partition 16.
256 KB 7 [2]
0x0014 0000
0x0017 FFFF
0x2014 0000
0x2017 FFFF
Shared RAM partition 17.
256 KB
0x0018 0000
0x001B FFFF
0x2018 0000
0x201B FFFF
Shared RAM partition 18.
256 KB
0x001C 0000
0x001F FFFF
0x201C 0000
0x201F FFFF
Shared RAM partition 19.
256 KB
0x0020 0000
0x0023 FFFF
0x2020 0000
0x2023 FFFF
Shared RAM partition 20.
256 KB 8 [2]
0x0024 0000
0x0027 FFFF
0x2024 0000
0x2027 FFFF
Shared RAM partition 21.
256 KB
0x0028 0000
0x002B FFFF
0x2028 0000
0x202B FFFF
Shared RAM partition 22.
256 KB
0x002C 0000
0x002F FFFF
0x202C 0000
0x202F FFFF
Shared RAM partition 23.
256 KB
0x0030 0000
0x0033 FFFF
0x2030 0000
0x2033 FFFF
Shared RAM partition 24.
256 KB 9 [2]
0x0034 0000
0x0037 FFFF
0x2034 0000
0x2037 FFFF
Shared RAM partition 25.
256 KB
0x0038 0000
0x003B FFFF
0x2038 0000
0x203B FFFF
Shared RAM partition 26.
256 KB
0x003C 0000
0x003F FFFF
0x203C 0000
0x203F FFFF
Shared RAM partition 27.
256 KB
0x0040 0000
0x0043 FFFF
0x2040 0000
0x2043 FFFF
Shared RAM partition 28.
256 KB 10 [2]
0x0044 0000
0x0047 FFFF
0x2044 0000
0x2047 FFFF
Shared RAM partition 29.
256 KB
0x2400 0000
0x2400 FFFF
-
-
Data TCM - in 4 interleaved banks. 64 KB
11 [2]
0x2402 0000
0x2402 FFFF
-
-
Instruction TCM (includes the
default vector table)
64 KB
-
-
0x4000 0000
0x4001 FFFF
AHB to APB bridge 0
128 KB 12
-
-
0x4002 0000
0x4003 FFFF
AHB to APB bridge 1
128 KB
-
-
0x4010 0000
0x4011 FFFF
AHB peripherals [3]
128 KB 13
-
-
0x4012 0000
0x4012 FFFF
AHB peripherals [3]
64 KB
14
-
-
0x4013 0000
0x4013 FFFF
AHB peripherals
64 KB
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com