Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541F Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # 71M6541F
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541F Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button 71M6541F Datasheet HTML 17Page - Maxim Integrated Products 71M6541F Datasheet HTML 18Page - Maxim Integrated Products 71M6541F Datasheet HTML 19Page - Maxim Integrated Products 71M6541F Datasheet HTML 20Page - Maxim Integrated Products 71M6541F Datasheet HTML 21Page - Maxim Integrated Products 71M6541F Datasheet HTML 22Page - Maxim Integrated Products 71M6541F Datasheet HTML 23Page - Maxim Integrated Products 71M6541F Datasheet HTML 24Page - Maxim Integrated Products 71M6541F Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
Rev 5
21
Figure 8: General Topology of a Chopped Amplifier
It is assumed that an offset voltage Voff appears at the positive amplifier input. With all switches, as
controlled by CROSS (an internal signal), in the A position, the output voltage is:
Voutp – Voutn = G (Vinp + Voff – Vinn) = G (Vinp – Vinn) + G Voff
With all switches set to the B position by applying the inverted CROSS signal, the output voltage is:
Voutn – Voutp = G (Vinn – Vinp + Voff) = G (Vinn – Vinp) + G Voff, or
Voutp – Voutn = G (Vinp – Vinn) - G Voff
Thus, when CROSS is toggled, e.g., after each multiplexer cycle, the offset alternately appears on the
output as positive and negative, which results in the offset effectively being eliminated, regardless of its
polarity or magnitude.
When CROSS is high, the connection of the amplifier input devices is reversed. This preserves the overall
polarity of that amplifier gain; it inverts its input offset. By alternately reversing the connection, the amplifier’s
offset is averaged to zero. This removes the most significant long-term drift mechanism in the voltage
reference. The CHOP_E[1:0] (I/O RAM 0x2106[3:2]) control field controls the behavior of CROSS. The
CROSS signal reverses the amplifier connection in the voltage reference in order to negate the effects of its
offset. On the first CK32 rising edge after the last multiplexer state of its sequence, the multiplexer waits
one additional CK32 cycle before beginning a new frame. At the beginning of this cycle, the value of
CROSS is updated according to the CHOP_E[1:0] field. The extra CK32 cycle allows time for the
chopped VREF to settle. During this cycle, MUXSYNC is held high. The leading edge of MUXSYNC initiates
a pass through the CE program sequence. The beginning of the sequence is the serial readout of the four
RTM words.
CHOP_E[1:0] has four states: positive, reverse, and two toggle states. In the positive state, CHOP_E[1:0]
= 01, CROSS is held low. In the reverse state, CHOP_E[1:0] = 10, CROSS is held high.
Figure 9: CROSS Signal with CHOP_E = 00
Figure 9 shows CROSS over two accumulation intervals when CHOP_E[1:0] = 00: At the end of the
first interval, CROSS is high, at the end of the second interval, CROSS is low. Operation with
CHOP_E[1:0] = 00 does not require control of the chopping mechanism by the MPU.
In the second toggle state, CHOP_E[1:0] = 11, CROSS does not toggle at the end of the last multiplexer
cycle in an accumulation interval.
A second, low-power voltage reference is used in the LCD system and for the comparators that support
transitions to and from the battery modes.
G
-
+
V
inp
V
outp
V
outn
V
inn
CROSS
A
B
A
B
A
B
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com