Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

167LP Datasheet(PDF) 1 Page - Schneider Electric

Part # 167LP
Description  Performs measurements for liquid level, interface or density of liquids
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

167LP Datasheet(HTML) 1 Page - Schneider Electric

  167LP Datasheet HTML 1Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product data sheet
Specifications
Performs measurements for liquid
level, interface or density of liquids
167LP
Main
Range of Product
Level
Product or Component Type
Buoyancy transmitter
Complementary
Measurement accuracy
+/- 1 % of reading
Measurement range
0...10 m
0...30 ft
Pressure Rating
14.50…7251.89 psi (1…500 bar)
Type of measurement
Level inferred by buoyant force
Connector type
DIN
ASME
JIS
Environment
Ambient air temperature for
operation
-321…932 °F (-196…500 °C)
IP Degree of Protection
IP55
Offer Sustainability
Sustainable offer status
Green Premium product
California proposition 65
WARNING: This product can expose you to chemicals including: Lead and lead compounds, which is
known to the State of California to cause cancer and birth defects or other reproductive harm. For more
information go to www.P65Warnings.ca.gov
REACh Regulation
REACh Declaration
REACh free of SVHC
Yes
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS Declaration
Lead free
Yes
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Environmental Disclosure
Product Environmental Profile
 
Apr 26, 2022
1


Similar Part No. - 167LP

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
167 CDE-167 Datasheet
98Kb / 5P
Bulk, tape and reel or ammo pack
logo
Dwyer Instruments,
167-12 DWYER-167-12 Datasheet
358Kb / 1P
STAINLESS STEEL PITOT TUBE ASME Design Meets AMCA and ASHRAE Codes
167-12-CF DWYER-167-12-CF Datasheet
358Kb / 1P
STAINLESS STEEL PITOT TUBE ASME Design Meets AMCA and ASHRAE Codes
167-12. DWYER-167-12. Datasheet
358Kb / 1P
STAINLESS STEEL PITOT TUBE ASME Design Meets AMCA and ASHRAE Codes
logo
Bahco
167-1609 BAHCO-167-1609 Datasheet
47Kb / 1P
Ratcheting ring spanner set
More results

Similar Description - 167LP

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2K-L13MC1 OMRON-E2K-L13MC1 Datasheet
361Kb / 5P
Liquid Level Sensor That Is Unaffected by the Color of the Pipe or Liquid
logo
List of Unclassifed Man...
NNR110A ETC2-NNR110A Datasheet
916Kb / 4P
LIQUID LEVEL CONTROL PUMP UP OR DOWN SWITCH SELECTABLE
logo
Cynergy3 Co
SM20 CYNERGY3-SM20 Datasheet
981Kb / 2P
Level controller or high power interface module
logo
Good Will Instrument Co...
GAD-201G GWINSTEK-GAD-201G Datasheet
561Kb / 1P
Automatic level & distortion measurements
logo
Schneider Electric
244LD SCHNEIDER-244LD Datasheet
107Kb / 2P
Performs measurements for liquid level, interface or density of liquids
Apr 26, 2022
LR01 SCHNEIDER-LR01 Datasheet
78Kb / 2P
Non-contact radar for measuring distance, level and volume of liquids and pastes
Apr 26, 2022
LR54 SCHNEIDER-LR54 Datasheet
81Kb / 2P
Non-contact radar level transmitter for liquids in basic process applications
Apr 26, 2022
LR74 SCHNEIDER-LR74 Datasheet
79Kb / 2P
Non-contact radar level transmitter for agitated and corrosive liquids
Apr 26, 2022
logo
Endress+Hauser Group Se...
TI01266F EH-TI01266F Datasheet
1Mb / 44P
Level measurement for liquids
2020-08-17
TI01147F EH-TI01147F Datasheet
1Mb / 36P
Point level switch for liquids
2021-01-26
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com