Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB7016 Datasheet(PDF) 55 Page - Microchip Technology

Part # USB7016
Description  6-Port USB 3.2 Gen 1 SmartHubTM Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7016 Datasheet(HTML) 55 Page - Microchip Technology

Back Button USB7016_V01 Datasheet HTML 51Page - Microchip Technology USB7016_V01 Datasheet HTML 52Page - Microchip Technology USB7016_V01 Datasheet HTML 53Page - Microchip Technology USB7016_V01 Datasheet HTML 54Page - Microchip Technology USB7016_V01 Datasheet HTML 55Page - Microchip Technology USB7016_V01 Datasheet HTML 56Page - Microchip Technology USB7016_V01 Datasheet HTML 57Page - Microchip Technology USB7016_V01 Datasheet HTML 58Page - Microchip Technology USB7016_V01 Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 60 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS00003740B-page 55
USB7016
APPENDIX A: REVISION HISTORY
TABLE A-1:
REVISION HISTORY
Revision Level & Date
Section/Figure/Entry
Correction
DS00003740B (03-30-22)
Cover
• Updated product title
• Added USB Billboard Device bullet
• Added USB-IF bullet
• Added Automotive as target application
• Added Multi-Host Endpoint Reflector bul-
lets
• Updated Windows compatibility list to
include Windows 11
• Updated USB 3.2 Gen 1 pins voltage tol-
erance to 1.32
Section2.1 “General Description”
Added Multi-Host Endpoint Reflector
paragraph
Figure 3-1
Corrected pins 4 and 80 as ‘NC’
Section3.2 “Pin Descriptions”
• Added note regarding pull-up/down resis-
tor values.
• Updated SPI_CLK pin description.
• Updated DP1_VBUS_MON, and
VBUS_MON_UP descriptions VBUS high
value.
• Added additional note to
VBUS_MON_UP
Section8.1 “Downstream Battery
Charging”
Replaced reference to “USB Battery Charging
with Microchip USB70xx Hubs
” with “AN2810
Configuration of USB7002/USB7006/
USB7016/ USB705x”
Section9.1 “Absolute Maximum
Ratings*”
Corrected absolute maximum range of
VCORE domain. VCORE absolute maximum
range specification erroneously had same lim-
its VCORE operational limits.
Section9.1 “Absolute Maximum
Ratings*”
Changed “Digital Core Supply Voltage
(VCORE)” to “1.2 V and Digital Core Supply
Voltage (VCORE)” since VCORE power
domain also supplies voltage to analog circu-
ity.
Section9.1 “Absolute Maximum
Ratings*”
Relaxed absolute maximum limit of XTAL from
3.63V to 4.6V
Section9.4 “Power Consumption”
Updated Power Consumption table to replace
‘TBD’ values with correct calculations.
Section9.4 “Power Consumption”
Added note about real world power consump-
tion variability.
Section9.6.1 “Power Supply and
RESET_N Sequence Timing”
Added additional clarification on
VBUS_MON_UP with respect to power
sequencing requirements.
Table 9-11
Load Capacitance updated to 10pF NOM and
Shunt Capacitance updated to 5pF NOM.
Table 9-3
Updated I and IS buffer types VIH min values.
Table 9-4
Updated treset min time to 1ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com