| Electronic Components Datasheet Search |
|
USB7056-I/KDX Datasheet(PDF) 16 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB7056-I/KDX Datasheet(HTML) 16 Page - Microchip Technology |
|
16 / 55 page ![]() USB7056 DS00002675F-page 16 2022 Microchip Technology Inc. and its subsidiaries A summary of the configuration pin assignments for each of the 2 configurations is provided in Table 3-5. For details on behavior of each programmable function, refer to Table 3-6. TABLE 3-5: PF[31:3] FUNCTION ASSIGNMENT Pin Configuration 1 (SMBus/I2C) Configuration 2 (I2S) PF3 DP1_VCONN2 DP1_VCONN2 PF4 DP1_VCONN1 DP1_VCONN1 PF5 DP1_DISCHARGE DP1_DISCHARGE PF6 GPIO70 GPIO70 PF7 GPIO71 MIC_DET PF8 PD_I2C_DATA PD_I2C_DATA PF9 PD_I2C_CLK PD_I2C_CLK PF10 PRT_CTL2_U3 I2S_SDI PF11 PRT_CTL3_U3 I2S_MCLK PF12 PRT_CTL4_U3 PRT_CTL4_U3 PF13 PRT_CTL4 PRT_CTL4 PF14 PRT_CTL3 PRT_CTL3 PF15 PRT_CTL2 PRT_CTL2 PF16 PRT_CTL5 PRT_CTL5 PF17 PRT_CTL1 PRT_CTL1 PF18 ALERT0 ALERT0 PF19 GPIO83 I2S_SDO PF20 SPI_CE_N SPI_CE_N PF21 SPI_CLK SPI_CLK PF22 SPI_D0 SPI_D0 PF23 SPI_D1 SPI_D1 PF24 SPI_D2 SPI_D2 PF25 SPI_D3 SPI_D3 PF26 SLV_I2C_CLK I2S_SCK PF27 SLV_I2C_DATA PRT_CTL6 PF28 PRT_CTL6 I2S_LRCK PF29 UPD_RESET_N UPD_RESET_N PF30 MSTR_I2C_CLK MSTR_I2C_CLK PF31 MSTR_I2C_DATA MSTR_I2C_DATA Note: The default PFx pin functions can be overridden with additional configuration by modification of the pin mux registers. These changes can be made during the SMBus configuration stage, by programming to OTP memory, or during runtime (after hub has attached and enumerated) by register writes via the SMBus slave interface or USB commands to the internal Hub Feature Controller Device. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |