| Electronic Components Datasheet Search |
|
USB7056T-I/KDX Datasheet(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB7056T-I/KDX Datasheet(HTML) 17 Page - Microchip Technology |
|
17 / 55 page ![]() 2022 Microchip Technology Inc. and its subsidiaries DS00002675F-page 17 USB7056 TABLE 3-6: PROGRAMMABLE FUNCTIONS DESCRIPTIONS Function Buffer Type Description Master SMBus/I2C Interface MSTR_I2C_CLK I/O12 Bridging Master SMBus/I2C controller clock (SMBus/I2C controller 1) MSTR_I2C_DATA I/O12 Bridging Master SMBus/I2C controller data (SMBus/I2C controller 1) Slave SMBus/I2C Interface SLV_I2C_CLK I/O12 Slave SMBus/I2C controller clock (SMBus/I2C controller 2) SLV_I2C_DATA I/O12 Slave SMBus/I2C controller data (SMBus/I2C controller 2) Power Delivery SMBus/I2C Interface PD_I2C_CLK I/O12 Power Delivery SMBus/I2C controller clock (SMBus/I2C controller 3) PD_I2C_DATA I/O12 Power Delivery SMBus/I2C controller data (SMBus/I2C controller 3) SPI Interface SPI_CLK I/O-U SPI clock. If the SPI interface is enabled, this pin must be driven low during reset. SPI_D[3:0] I/O-U SPI Data 3-0. If the SPI interface is enabled, these signals function as Data 3 through 0. SPI_CE_N I/O12 Active low SPI chip enable input. If the SPI interface is enabled, this pin must be driven high in powerdown states. I2S Interface I2S_SDI I I2S Serial Data In I2S_SDO O12 I2S Serial Data Out I2S_SCK O12 I2S Continuous Serial Clock I2S_LRCK O12 I2S Word Select / Left-Right Clock I2S_MCLK O12 I2S Master Clock MIC_DET I I2S Microphone Plug Detect 0 = No microphone plugged into the audio jack 1 = Microphone plugged into the audio jack Miscellaneous ALERT0 I Alert 0 Interrupt input for connection to the local companion (UPD360/UPD350) power delivery controller’s IRQ# signal. UPD_RESET_N O12 UPD360/UPD350 reset control output This output is used to controls the companion UPD360/UPD350’s RESET_N pin. DP1_VCONN1 I/O12 Port 1 VCONN1 enable DP1_VCONN2 I/O12 Port 1 VCONN2 enable |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |