Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3DBV20L Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3DBV20L
Description  3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux Video Switch w/ Single Enable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3DBV20L Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3DBV20L Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3DBV20L Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3DBV20L Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3DBV20L Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3DBV20L Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3DBV20L Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
PI3DBV20
3.3V, Wide Bandwidth, 2-Channel,
2:1 Mux/DeMux Video Switch
PS8708
07/13/04
Notes:
1. For max. or min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 3.3V, TA = 25C ambient and maximum loading.
3. Per TTL driven input (control inputs only); A and B pins do not contribute to ICC.
Notes:
1. For max. or min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Guaranteed by design.
3. The bus switch contributes no propagational delay other than the RC delay of the On-Resistance of the switch and the load capacitance. The
time constant for the switch alone is of the order of 0.25ns for 10pF load. Since this time constant is much smaller than the rise/fall times of
typical driving signals, it adds very little propagational delay to the system. Propagational delay of the bus switch when used in a system is
determined by the driving circuit on the driving side of the switch and its interactions with the load on the driven side.
Power Supply Characteristics
Parameters
Description
Test Conditions(1)
Min.
Typ.(2)
Max.
Units
ICC
Quiescent Power Supply Current
VCC = Max., VIN = GND or VCC
-
-
800
µA
Dynamic Electrical Characteristics Over the Operating Range
(TA = –40°C to +85°C, VCC = 3.3V ±10%, GND = 0V)
Parameters
Description
Test Conditions
Min.
Typ.(1)
Max.
Units
XTALK
Crosstalk
RL = 100Ω, f = 250 MHz
-
-27
-
dB
OIRR
OFF Isolation
-
-32
-
BW
Bandwidth -3dB
RL = 100Ω
-
500
-
MHz
Switching Characteristics
Parameters
Description
Test
Conditions
Min.
Typ.(1) Max. Units
tPD
Propagation Delay(2,3)
-
0.25
ns
tPZH, tPZL Line Enable Time - SEL to YN, NI0, IN
0.5
-
15.0
tPHZ, tPLZ Line Disable Time - SEL to YN, NI0, IN
0.5
-
9.0
tSK(o)
Output Skew between center port to any other port(2)
-
0.1
0.2
tSK(p)
Skew between opposite transitions of the same output
(tPHL - tPLH) (2)
-
0.1
0.2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com