Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3USB9281GEE Datasheet(PDF) 9 Page - Diodes Incorporated

Part # PI3USB9281GEE
Description  USB 2.0 Port Protection with Charger Detection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3USB9281GEE Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button PI3USB9281GEE Datasheet HTML 5Page - Diodes Incorporated PI3USB9281GEE Datasheet HTML 6Page - Diodes Incorporated PI3USB9281GEE Datasheet HTML 7Page - Diodes Incorporated PI3USB9281GEE Datasheet HTML 8Page - Diodes Incorporated PI3USB9281GEE Datasheet HTML 9Page - Diodes Incorporated PI3USB9281GEE Datasheet HTML 10Page - Diodes Incorporated PI3USB9281GEE Datasheet HTML 11Page - Diodes Incorporated PI3USB9281GEE Datasheet HTML 12Page - Diodes Incorporated PI3USB9281GEE Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2014-04-0004
PT0502-1
04/28/14
9
PI3USB9281
USB 2.0 Port Protection with Charger Detection
USB Port Detection Timing
The following figures show the attach timing of the USB after insertion of accessories and the relationship between the INTB
assertion and the CHG assertion. PI3USB9281 has incorporated a VBUS de-bounce circuit that waits a settle time of the USB cable.
Figure 4. USB Charging Downstream Port (CDP) Attach Timing
Figure 5. USB Dedicated Charging Port (DCP) Attach Timing
VBUSIN>4.0V
Charger FET closed, INTB
asserted and registers written
INTB Pin
CHG Pin
50ms
VBUSIN Voltage
VBUSOUT
200ms
ID Floating
USB switch
Open
Closed
200ms
VBUSIN>4.0V
Charger FET closed, INTB
asserted and registers written
INTB Pin
CHG Pin
50ms
VBUSIN Voltage
VBUSOUT
VBUSIN Valid 130mS
250ms
CHG detection 70ms
ID Floating
USB switch
Open
Closed
200ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com