Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C6612 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PI6C6612
Description  3.3V Precision Audio Clock Synthesizer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6C6612 Datasheet(HTML) 3 Page - Diodes Incorporated

  PI6C6612 Datasheet HTML 1Page - Diodes Incorporated PI6C6612 Datasheet HTML 2Page - Diodes Incorporated PI6C6612 Datasheet HTML 3Page - Diodes Incorporated PI6C6612 Datasheet HTML 4Page - Diodes Incorporated PI6C6612 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
PS8794C
11/12/08
PI6C6612
3.3V Precision Audio Clock Synthesizer
Maximum Ratings
Electrical Specifications
Item
Rating
Supply Voltage to Ground Potential
5.5V
All Inputs and Outputs
-0.5 to VDD +0.5V
Ambient Operating Temperature
-40 to +85°C
Storage Temperature
-65 to +150°C
Junction Temperature
150°C
Soldering Temperature
260°C
Note: Beyond maximum ratings may cause device damage
Recommended Operation Conditions
Parameter
Min.
Typ.
Max.
Unit
Ambient Operating Temperature
-40
+85
°C
Power Supply Voltage (measured in respect to GND)
+3.0
+3.6
V
DC Electrical Characteristics
VDD = 3.3V ±10%, Ambient Temperature -40 to +85°C
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VDD
Operating Voltage
3.0
3.6
V
VIH
Input High Voltage
2
V
VIL
Input Low Voltage
0.8
V
VOH
Output High Voltage
IOH = -4mA
VDD-0.4
V
VOH
Output High Voltage
IOH = -12mA
2.4
V
VOL
Output Low Voltage
IOL = +12mA
0.4
V
IDD
Supply Current
No Load
25
mA
IOS
Short Circuit Current
Each output
±65
mA
ZOUT
Nominal Output Impedance
20
Ω
ZIN
Input Capacitance
Input pins
7
pF
RPullup
Internal pull-up resistor
120
K
Ω
AC Electrical Characteristics
VDD = 3.3V ±10%, Ambient Temperature -40 to +85°C
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Fcry
Crystal Frequency
27
28
MHz
tRise
Output Clock Rise Time
20% to 80%, 15pF load
1.5
ns
tFall
Output Clock Fall Time
80% to 20%, 15pF load
1.5
ns
tDC
Output Duty Cycle
Measured at VDD/2, 15pF load
45
50
55
%
08-0298



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com