Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQJ264EP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SQJ264EP
Description  Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFETs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJ264EP Datasheet(HTML) 2 Page - Vishay Siliconix

  SQJ264EP Datasheet HTML 1Page - Vishay Siliconix SQJ264EP Datasheet HTML 2Page - Vishay Siliconix SQJ264EP Datasheet HTML 3Page - Vishay Siliconix SQJ264EP Datasheet HTML 4Page - Vishay Siliconix SQJ264EP Datasheet HTML 5Page - Vishay Siliconix SQJ264EP Datasheet HTML 6Page - Vishay Siliconix SQJ264EP Datasheet HTML 7Page - Vishay Siliconix SQJ264EP Datasheet HTML 8Page - Vishay Siliconix SQJ264EP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SQJ264EP
www.vishay.com
Vishay Siliconix
S19-1108-Rev. A, 30-Dec-2019
2
Document Number: 77239
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SPECIFICATIONS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-source breakdown voltage
VDS
VGS = 0 V, ID = 250 μA
N-Ch 1
60
-
-
V
VGS = 0 V, ID = 250 μA
N-Ch 2
60
-
-
Gate-source threshold voltage
VGS(th)
VDS = VGS, ID = 250 μA
N-Ch 1
2.5
3.0
3.5
VDS = VGS, ID = 250 μA
N-Ch 2
2.5
3.0
3.5
Gate-source leakage
IGSS
VDS = 0 V, VGS = ± 20 V
N-Ch 1
-
-
± 100
nA
N-Ch 2
-
-
± 100
Zero gate voltage drain current
IDSS
VGS = 0 V
VDS = 60 V
N-Ch 1
-
-
1
μA
VGS = 0 V
VDS = 60 V
N-Ch 2
-
-
1
VGS = 0 V
VDS = 60 V, TJ = 125 °C
N-Ch 1
-
-
50
VGS = 0 V
VDS = 60 V, TJ = 125 °C
N-Ch 2
-
-
50
VGS = 0 V
VDS = 60 V, TJ = 175 °C
N-Ch 1
-
-
250
VGS = 0 V
VDS = 60 V, TJ = 175 °C
N-Ch 2
-
-
250
On-state drain current a
ID(on)
VGS = 10 V
VDS
≥ 5 V
N-Ch 1
15
-
-
A
VGS = 10 V
VDS
≥ 5 V
N-Ch 2
30
-
-
Drain-source on-state resistance a
RDS(on)
VGS = 10 V
ID = 6 A
N-Ch 1
-
0.0165
0.0200
Ω
VGS = 10 V
ID = 10 A
N-Ch 2
-
0.0071
0.0086
VGS = 10 V
ID = 6 A, TJ = 125 °C
N-Ch 1
-
-
0.0320
VGS = 10 V
ID = 10 A, TJ = 125 °C
N-Ch 2
-
-
0.0135
VGS = 10 V
ID = 6 A, TJ = 175 °C
N-Ch 1
-
-
0.0390
VGS = 10 V
ID = 10 A, TJ = 175 °C
N-Ch 2
-
-
0.0167
Forward transconductance b
gfs
VDS = 10 V, ID = 6 A
N-Ch 1
-
24
-
S
VDS = 10 V, ID = 10 A
N-Ch 2
-
98
-
Dynamic b
Input capacitance
Ciss
VGS = 0 V
VDS = 25 V, f = 1 MHz
N-Ch 1
-
687
1000
pF
VGS = 0 V
VDS = 25 V, f = 1 MHz
N-Ch 2
-
1490
2100
Output capacitance
Coss
VGS = 0 V
VDS = 25 V, f = 1 MHz
N-Ch 1
-
313
500
VGS = 0 V
VDS = 25 V, f = 1 MHz
N-Ch 2
-
777
1100
Reverse transfer capacitance
Crss
VGS = 0 V
VDS = 25 V, f = 1 MHz
N-Ch 1
-
10
15
VGS = 0 V
VDS = 25 V, f = 1 MHz
N-Ch 2
-
21
30
Total gate charge c
Qg
VGS = 10 V
VDS = 30 V, ID = 1.5 A
N-Ch 1
-
9.2
16
nC
VGS = 10 V
VDS = 30 V, ID = 3 A
N-Ch 2
-
19.2
32
Gate-source charge c
Qgs
VGS = 10 V
VDS = 30 V, ID = 1.5 A
N-Ch 1
-
3.2
-
VGS = 10 V
VDS = 30 V, ID = 3 A
N-Ch 2
-
6.3
-
Gate-drain charge c
Qgd
VGS = 10 V
VDS = 30 V, ID = 1.5 A
N-Ch 1
-
0.8
-
VGS = 10 V
VDS = 30 V, ID = 3 A
N-Ch 2
-
1.5
-
Gate resistance
Rg
f = 1 MHz
N-Ch 1
0.35
0.74
1.20
Ω
N-Ch 2
0.20
0.42
0.65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com