Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17543 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX17543
Description  4.5V??2V, 2.5A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17543 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX17543_V01 Datasheet HTML 9Page - Maxim Integrated Products MAX17543_V01 Datasheet HTML 10Page - Maxim Integrated Products MAX17543_V01 Datasheet HTML 11Page - Maxim Integrated Products MAX17543_V01 Datasheet HTML 12Page - Maxim Integrated Products MAX17543_V01 Datasheet HTML 13Page - Maxim Integrated Products MAX17543_V01 Datasheet HTML 14Page - Maxim Integrated Products MAX17543_V01 Datasheet HTML 15Page - Maxim Integrated Products MAX17543_V01 Datasheet HTML 16Page - Maxim Integrated Products MAX17543_V01 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
R-C network has to be connected in parallel to the resistor
connected from RT to SGND, as shown in Figure 1. The
values of the components R8 and C13 are 90.9kΩ and
220pF, respectively.
Operating Input Voltage Range
The minimum and maximum operating input voltages for
a given output voltage should be calculated as follows:
OUT
OUT(MAX)
DCR
IN(MIN)
SW(MAX)
OFF(MAX)
OUT(MAX)
V
(I
(R
0.15))
V
1- (f
t
)
(I
0.175)
+
×
+
=
×
+×
OUT
IN(MAX)
SW(MAX)
ON(MIN)
V
V
f
t
)
=
×
where VOUT is the steady-state output voltage, IOUT (MAX)
is the maximum load current, RDCR is the DC resistance
of the inductor, fSW(MAX) is the maximum switching
frequency, tOFF-MAX is the worst-case minimum switch
off-time (160ns), and tON-MIN is the worst-case minimum
switch on-time (135ns).
External Frequency Synchronization (SYNC)
The internal oscillator of the device can be synchronized
to an external clock signal on the SYNC pin. The external
synchronization clock frequency must be between
1.1 x fSW and 1.4 x fSW, where fSW is the frequency
programmed by the RT resistor. The minimum external
clock pulse-width high should be greater than 50ns. See
the RT AND SYNC section of the Electrical Characteristics
table for details.
Overcurrent Protection/Hiccup Mode
The MAX17543 is provided with a robust overcurrent
protection scheme that protects the device under overload
and output short-circuit conditions. A cycle-by-cycle peak
current limit turns off the high-side MOSFET whenever
the high-side switch current exceeds an internal limit
of 3.7A (typ). A runaway current limit on the high-side
switch current at 4.3A (typ) protects the device under
high input voltage, short-circuit conditions when there is
insufficient output voltage available to restore the inductor
current that was built up during the ON period of the
step-down converter. One occurrence of runaway current
limit triggers a hiccup mode. In addition, if, due to a fault
condition, feedback voltage drops to 0.58V (typ) any time
after soft-start is complete, hiccup mode is triggered. In
hiccup mode, the converter is protected by suspending
switching for a hiccup timeout period of 32,768 clock
cycles. Once the hiccup timeout period expires, soft-
start is attempted again. Note that when soft-start is
attempted under an overload condition, if the feedback
voltage does not exceed 0.58V, the device switches at
half the programmed switching frequency. Hiccup mode
of operation ensures low power dissipation under output
short-circuit conditions.
RESET Output
The device includes a RESET comparator to monitor the
output voltage. The open-drain RESET output requires
an external pullup resistor. RESET goes high (high
impedance) 1024 switching cycles after the regulator
output increases above 95% of the designed nominal
regulated voltage. RESET goes low when the regulator
output voltage drops to below 92% of the nominal
regulated voltage. RESET also goes low during thermal
shutdown.
Prebiased Output
When the device starts into a prebiased output, both the
high-side and low-side switches are turned off so that the
converter does not sink current from the output. High-
side and low-side switches do not start switching until
the PWM comparator commands the first PWM pulse, at
which point switching commences. The output voltage is
then smoothly ramped up to the target value in alignment
with the internal reference.
Table 1. Switching Frequency vs. RT
Resistor
Figure 1. Setting the Switching Frequency
R5
R8
C13
SWITCHING FREQUENCY (kHz)
RT RESISTOR (kΩ)
500
Open
100
210
200
102
400
49.9
1000
19.1
2200
8.06
MAX17543
4.5V–42V, 2.5A, High-Efficiency,
Synchronous Step-Down DC-DC Converter
with Internal Compensation
www.maximintegrated.com
Maxim Integrated │ 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com